Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32W108CB Datasheet(PDF) 83 Page - STMicroelectronics

No. de pieza STM32W108CB
Descripción Electrónicos  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 79Page - STMicroelectronics STM32W108CB Datasheet HTML 80Page - STMicroelectronics STM32W108CB Datasheet HTML 81Page - STMicroelectronics STM32W108CB Datasheet HTML 82Page - STMicroelectronics STM32W108CB Datasheet HTML 83Page - STMicroelectronics STM32W108CB Datasheet HTML 84Page - STMicroelectronics STM32W108CB Datasheet HTML 85Page - STMicroelectronics STM32W108CB Datasheet HTML 86Page - STMicroelectronics STM32W108CB Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
83/278
Refer to Figure 4: STM32W108xB memory mapping, Figure 5: STM32W108CC and
STM32W108CZ memory mapping, and Table 3: STM32W108xx peripheral register
boundary addresses for the register boundary addresses of the peripherals available in all
STM32W108xx devices.
0x0024
PWR_WAKECR2
Reset value
0
0x0028
PWR_WAKESR
Reset value
0
0000
0000
0
0x002C-
0x0030
0x0034
PWR_CPWRUP
REQSR
Reset value
0
0x0038
PWR_CSYSPWRUP
REQSR
Reset value
0
0x003C
PWR_CSYSPWRUP
ACKSR
Reset value
0
0x0040
PWR_CSYSPWRUP
ACKCR
Reset value
0
0x0044-
0xBC04
0xBC08
PWR_WAKEPAR
Reset value
000
0000
0
0xBC0C
PWR_WAKEPBR
Reset value
000
0000
0
0xBC10
PWR_WAKEPCR
Reset value
000
0000
0
0xBC14-
0xBC18
0xBC1C
PWR_WAKEFILTR
Reset value
000
0
Table 11.
PWR register map and reset values (continued)
Offset
Register