| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32G081CBY3 Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G081CBY3 Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 136 page ![]() Pinouts, pin description and alternate functions STM32G081xB 44/136 DS12231 Rev 4 D4 7 7 8 8 12 H3 18 PA1 I/O FT_a - SPI1_SCK/I2S1_CK, USART2_RTS_DE_CK, TIM2_CH2, USART4_RX, TIM15_CH1N, I2C1_SMBA, EVENTOUT COMP1_INP, ADC_IN1 E4 8 8 9 9 13 G3 19 PA2 I/O FT_a - SPI1_MOSI/I2S1_SD, USART2_TX, TIM2_CH3, UCPD1_FRSTX, TIM15_CH1, LPUART1_TX, COMP2_OUT COMP2_INM, ADC_IN2, WKUP4,LSCO C3 9 9 10 10 14 F3 20 PA3 I/O FT_a - SPI2_MISO, USART2_RX, TIM2_CH4, UCPD2_FRSTX, TIM15_CH2, LPUART1_RX, EVENTOUT COMP2_INP, ADC_IN3 - - - - - 15H421 PA4 I/O TT_a - SPI1_NSS/I2S1_WS, SPI2_MOSI, TIM14_CH1, LPTIM2_OUT, UCPD2_FRSTX, EVENTOUT ADC_IN4, DAC_OUT1, RTC_OUT2 D3 10 10 11 11 - - - PA4 I/O TT_a - SPI1_NSS/I2S1_WS, SPI2_MOSI, TIM14_CH1, LPTIM2_OUT, UCPD2_FRSTX, EVENTOUT ADC_IN4, DAC_OUT1, TAMP_IN1,RTC_TS, RTC_OUT1,WKUP2 E3 11 11 12 12 16 G4 22 PA5 I/O TT_a - SPI1_SCK/I2S1_CK, CEC, TIM2_CH1_ETR, USART3_TX, LPTIM2_ETR, UCPD1_FRSTX, EVENTOUT ADC_IN5, DAC_OUT2 C2 12 12 13 13 17 F4 23 PA6 I/O FT_a - SPI1_MISO/I2S1_MCK, TIM3_CH1, TIM1_BKIN, USART3_CTS, TIM16_CH1, LPUART1_CTS, COMP1_OUT ADC_IN6 D2 13 13 14 14 18 E4 24 PA7 I/O FT_a - SPI1_MOSI/I2S1_SD, TIM3_CH2, TIM1_CH1N, TIM14_CH1, TIM17_CH1, UCPD1_FRSTX, COMP2_OUT ADC_IN7 - - - - - - H5 25 PC4 I/O FT_a - USART3_TX, USART1_TX, TIM2_CH1_ETR COMP1_INM, ADC_IN17 Table 12. Pin assignment and description (continued) Pin number Pin name (function upon reset) Alternate functions Additional functions |