Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32H745II Datasheet(PDF) 53 Page - STMicroelectronics

No. de pieza STM32H745II
Descripción Electrónicos  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32H745II Datasheet HTML 49Page - STMicroelectronics STM32H745II Datasheet HTML 50Page - STMicroelectronics STM32H745II Datasheet HTML 51Page - STMicroelectronics STM32H745II Datasheet HTML 52Page - STMicroelectronics STM32H745II Datasheet HTML 53Page - STMicroelectronics STM32H745II Datasheet HTML 54Page - STMicroelectronics STM32H745II Datasheet HTML 55Page - STMicroelectronics STM32H745II Datasheet HTML 56Page - STMicroelectronics STM32H745II Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 252 page
background image
DS12923 Rev 1
53/252
STM32H745xI/G
Functional overview
54
A 4-Kbyte embedded trace FIFO (ETF) allows recording data and sending them to any com
port. In Trace mode, the trace is transferred by DMA to system RAM or to a high-speed
interface (such as SPI or USB). It can even be monitored by a software running on one of
the cores. Unlike hardware FIFO mode, this mode is invasive since it uses system
resources which are shared by the processors.