Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2903 Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza LM2903
Descripción Electrónicos  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LM2903_V01 Datasheet HTML 13Page - STMicroelectronics LM2903_V01 Datasheet HTML 14Page - STMicroelectronics LM2903_V01 Datasheet HTML 15Page - STMicroelectronics LM2903_V01 Datasheet HTML 16Page - STMicroelectronics LM2903_V01 Datasheet HTML 17Page - STMicroelectronics LM2903_V01 Datasheet HTML 18Page - STMicroelectronics LM2903_V01 Datasheet HTML 19Page - STMicroelectronics LM2903_V01 Datasheet HTML 20Page - STMicroelectronics LM2903_V01 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Package information
LM2903
18/21
DocID2470 Rev 14
6.5
DFN8 2x2 package information (LM2903YQ3T)
Figure 27. DFN8 2x2 mm wettable flanks package outline
Table 8. DFN8 2x2 mm wettable flanks package mechanical data
Ref.
Dimensions
mm
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.10
0.003
b
0.20
0.25
0.30
0.007
0.009
0.011
D
1.95
2.00
2.05
0.076
0.078
0.080
D1
0.80
0.90
1.00
0.031
0.035
0.039
E
1.95
2.00
2.05
0.076
0.078
0.080
E1
1.50
1.60
1.70
0.059
0.062
0.066
e
0.50
0.019
F
0.05
0.001
G
0.25
0.30
0.35
0.009
0.011
0.013
aaa
0.10
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21