| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NAND08G-B Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
NAND08G-B Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 59 page ![]() 9/59 NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B Figure 3. Logic Diagram Table 3. Signal Names AI09372b W I/O8-I/O15, x16 VDD NAND Flash E VSS WP AL CL RB R I/O0-I/O7, x8/x16 PRL I/O8-15 Data Input/Outputs for x16 devices I/O0-7 Data Input/Outputs, Address Inputs, or Command Inputs for x8 and x16 devices AL Address Latch Enable CL Command Latch Enable E Chip Enable R Read Enable RB Ready/Busy (open-drain output) W Write Enable WP Write Protect PRL Power-Up Read Enable, Lock/Unlock Enable VDD Supply Voltage VSS Ground NC Not Connected Internally DU Do Not Use |