| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
YP321015-ASC3 Datasheet(PDF) 1 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
YP321015-ASC3 Datasheet(HTML) 1 Page - CT Micro International Corporation |
|
1 / 10 page ![]() CT Micro Rev 3 Proprietary & Confidential Page 1 Jan, 2021 YP321015-ASC3 SMD Type Yellow Emitter Package Outline Schematic Features Side view 1204 package Viewing Angle = 600 Compatible with infrared and vapor phase reflow solder process High reliability Ultra bright Yellow RoHS compliance Applications Optical indicator. Switch and Symbol Display. Description The YP321015-ASC3 is an AlGaInP Yellow LED housed in a miniature SMD package. The device has a dominant wavelength of 590 nm LED. Anode Cathode |
Número de pieza similar - YP321015-ASC3 |
|
Descripción similar - YP321015-ASC3 |