Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RGBC322819-PDRC2 Datasheet(PDF) 6 Page - CT Micro International Corporation

No. de pieza RGBC322819-PDRC2
Descripción Electrónicos  Multi-Wavelength SMD Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTMICRO [CT Micro International Corporation]
Página de inicio  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

RGBC322819-PDRC2 Datasheet(HTML) 6 Page - CT Micro International Corporation

Back Button RGBC322819-PDRC2 Datasheet HTML 2Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 3Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 4Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 5Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 6Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 7Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 8Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 9Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 10Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CT Micro
Rev1
Proprietary & Confidential
Page 6
Sep, 2020
RGBC322819-PDRC2
Multi-Wavelength SMD Type
Package Dimension All dimensions are in mm, unless otherwise stated
Note: Tolerance unless mentioned is ±0.1mm
Recommended Soldering Mask All dimensions are in mm, unless otherwise stated
Note: Tolerance unless mentioned is ±0.1mm
Ordering Information
Part Number
Description
Quantity
RGBC322819-PDRC2
Tape & Reel
2000 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10