Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 36 Page - Kinetic Technologies.

No. de pieza ECS-MPI4040R4-6R8-R
Descripción Electrónicos  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINETIC [Kinetic Technologies.]
Página de inicio  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 36 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 33Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 34Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 35Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 36Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 37Page - Kinetic Technologies.  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 36 of 37
Company Confidential
Table 28. Recommended Inductor Part Numbers
Value
(µH)
Manufacturer
Inductor
Part Number
DCR
(Ω)
Saturation Current
(A)
EIA Size
(mm)
2.2
Toko
DFE201612P-2R2M
0.12
2.1
2 x 1.6 x 1.0
2.2
CYCTEC
HMLQ25201T-2R2MSR
0.102
3
2.5 x 2.0 x 1.0
Recommended PCB Layout
PCB layout is very important for high frequency switching regulators in order to keep the loop stable and minimize
noise. The input capacitor (CIN
) should be very close to the IC’s VIN pin and PGND pin in order to get the best
decoupling. The path between the inductor, LX pin, schottky diode and the output capacitor (COUT) should be
kept as short as possible to minimize noise and ringing. To reduce power loss, the trace through the inductor,
LX pin, schottky diode and COUT
should be as short and wide as possible. Both input and output capacitors’ GND
terminals should be connected together on the PCB top layer and on the bottom layer GND plane.
Figure 8. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37