Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ASFLDV Datasheet(PDF) 3 Page - Abracon Corporation

No. de pieza ASFLDV
Descripción Electrónicos  CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABRACON [Abracon Corporation]
Página de inicio  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLDV Datasheet(HTML) 3 Page - Abracon Corporation

  ASFLDV Datasheet HTML 1Page - Abracon Corporation ASFLDV Datasheet HTML 2Page - Abracon Corporation ASFLDV Datasheet HTML 3Page - Abracon Corporation ASFLDV Datasheet HTML 4Page - Abracon Corporation ASFLDV Datasheet HTML 5Page - Abracon Corporation ASFLDV Datasheet HTML 6Page - Abracon Corporation ASFLDV Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 10-26-22
For terms and conditions of sales, please visit:
www.abracon.com
CONTINUOUS VOLTAGE SMD CRYSTAL OSCILLATOR
ASFLDV
5.0 x 3.2 x 1.3mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
0.0
1.0
2.0
3.0
4.0
5.0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply Voltage, Vdd (V)
Current Consumption (Idd) vs. Supply Voltage (Vdd) Characteristics [Load=15pF]
Continuous Voltage Oscillator
4MHz
8MHz
24MHz
26MHz
32MHz
48MHz
-6.5
-5.5
-4.5
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
Supply Voltage, Vdd (V)
Frequency vs. Supply Voltage (Vdd) Characteristics
Continuous Voltage Oscillator
4MHz
8MHz
24MHz
26MHz
32MHz
48MHz
Typical Current Consumption (Idd) vs. Supply Voltage (Vdd) Characteristics @25°C± 3°C [Load = 15pF]
Typical Frequency vs. Supply Voltage (Vdd) Characteristics @ 25°C± 3°C



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com