Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTP-87YECT-B5-M/WB Datasheet(PDF) 3 Page - DB Lectro Inc

No. de pieza BTP-87YECT-B5-M/WB
Descripción Electrónicos  BriLux 1W Star Emitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DBLECTRO [DB Lectro Inc]
Página de inicio  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

BTP-87YECT-B5-M/WB Datasheet(HTML) 3 Page - DB Lectro Inc

  BTP-87YECT-B5-M/WB Datasheet HTML 1Page - DB Lectro Inc BTP-87YECT-B5-M/WB Datasheet HTML 2Page - DB Lectro Inc BTP-87YECT-B5-M/WB Datasheet HTML 3Page - DB Lectro Inc BTP-87YECT-B5-M/WB Datasheet HTML 4Page - DB Lectro Inc BTP-87YECT-B5-M/WB Datasheet HTML 5Page - DB Lectro Inc BTP-87YECT-B5-M/WB Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part No.: BTP-87XXCT-XX-X/X
Page 3 of 6
BriLux 1W Batwing Star Emitter
BTP-87XXCT-XX-X/X
CCT, Flux and VF Selection Guide (@ IF=350mA)
BTP-87XXCT-XX-X/W/B
White Housing (Optional: B=Black)
Wavelength Ranks Selection
Flux Ranks Selection
λD(nm)
Color
Bin
Min
Max
B5
460
465
B6
465
470
B7
470
475
Blue
XX
460 – 475
G6
515
520
G7
520
525
G8
525
530
G9
530
535
Green
XX
515 – 535
Red
XX
620 – 630
Amber
XX
610 – 620
Yellow
XX
585 – 595
CCT Ranks Selection
VF Ranks Selection
CCT(K)
Color
Temp
Bin
Min
Max
00
2800
3300
01
3300
3800
Warm
White
XX
2800K – 3800K
02
5000
6000
03
6000
7000
04
7000
8000
White
XX
5000K – 8000K
(Please specify on order, otherwise, default full range of VF)
Color
Bin
Flux (lumens)
H
4.5~6
J
6~8
K
8~10
Blue
X
Default Full Range
M
14~18
N
18~23
P
23~30
Q
30~39
R
39~50
Red
Amber
Yellow
Green
White
X
Default Full Range
VF (V)
Color
Bin
Min
Max
V04
2.0
2.2
V05
2.2
2.4
V06
2.4
2.6
V07
2.6
2.8
Red
Amber
Yellow
VXX(Full)
2.0~2.8
V08
2.8
3.0
V09
3.0
3.2
V10
3.2
3.4
V11
3.4
3.6
V12
3.6
3.8
White
Blue
Green
VXX(Full)
2.8~3.8
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com