Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS6334 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

No. de pieza MS6334
Descripción Electrónicos  16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSA [MOSA ELECTRONICS]
Página de inicio  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6334 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6334 Datasheet HTML 6Page - MOSA ELECTRONICS MS6334 Datasheet HTML 7Page - MOSA ELECTRONICS MS6334 Datasheet HTML 8Page - MOSA ELECTRONICS MS6334 Datasheet HTML 9Page - MOSA ELECTRONICS MS6334 Datasheet HTML 10Page - MOSA ELECTRONICS MS6334 Datasheet HTML 11Page - MOSA ELECTRONICS MS6334 Datasheet HTML 12Page - MOSA ELECTRONICS MS6334 Datasheet HTML 13Page - MOSA ELECTRONICS MS6334 Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MOSA
MS6334/6335
16-Bit Stereo Audio DAC integrated HP Driver with Volume Control
REV 1.0
10
www.mosanalog.com
Audio format and power off
MSB
LSB
Function
1
0
0
0
0
0
b1
b0
Audio format selection and preparation for power off
Audio format and power off bits
b1=1, Enable preparation for power off
b1=0, Disable preparation for power off
b0=1, I2S format
b0=0, Right justified format (normal format)
Initial state: b0=b1=0. Power off : VDD down to 0V
I
2C example
The audio format is selected I2S format. Audio format code = 81H.
The initial state is right justified format.
Data byte
1
000
00
MSB
11
ACK
Start
1
000
01
00
MS6335 address
I2S format
LSB
ACK
Stop
DAC active. Code = 7BH.
The initial state is enabled all power down mode when power on.
ACK
Start
Chip Address
ACK
0
1
1
1
1
1
10
DACPD = 0
Stop
HP active, OPAmp active, CAP to 1/2 VDD, DAC keep active. Code = 61H.
Set the voltage of CAP to middle of supply voltage, the charge time is approximately 1 second.
Stop
Start
Chip Address
ACK
0
1
1
0
0
1
00
CAPGD = 0
HPPD = 0
OPAmp = 0
DACPD = 0
ACK
DAC mute off. Code = 60H.
The chip entered active mode.
Stop
Start
Chip Address
ACK
0
1
1
0
0
0
00
DACM = 0
ACK
Set gain of 2 channel at 0dB. Volume control code = 1BH.
Stop
Start
Chip Address
ACK
0
0
0
1
1
1
1
0
2-ch, 0dB
ACK
Set attenuation of left channel at –22.5dB. Volume control code = 2CH.
Stop
Start
Chip Address
ACK
0
0
1
0
0
0
1
1
L-ch, -22.5dB
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com