Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AC244002 Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza AC244002
Descripción Electrónicos  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244002 Datasheet(HTML) 3 Page - Microchip Technology

  AC244002 Datasheet HTML 1Page - Microchip Technology AC244002 Datasheet HTML 2Page - Microchip Technology AC244002 Datasheet HTML 3Page - Microchip Technology AC244002 Datasheet HTML 4Page - Microchip Technology AC244002 Datasheet HTML 5Page - Microchip Technology AC244002 Datasheet HTML 6Page - Microchip Technology AC244002 Datasheet HTML 7Page - Microchip Technology AC244002 Datasheet HTML 8Page - Microchip Technology AC244002 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Debug Header Specification
 2006-2012 Microchip Technology Inc.
DS51292T-page 3
DEBUG DETAILS
Next generation in-circuit emulators (such as the MPLAB® REAL ICE™ in-circuit
emulator) and in-circuit debuggers work with devices that have on-chip debug circuitry.
Sometimes the actual production device will have this circuitry and sometimes a
special version of this device is required or available for code debugging. This special
version of the chip, with the suffix -ICD or -ICE, is mounted on a debug header
(Figure 2).
FIGURE 2:
DEBUG OPTIONS
In general, ICE devices are designed for next-generation in-circuit emulator use and
ICD devices are designed for in-circuit debugger use. However, ICE devices may be
used with an in-circuit debugger and ICD devices may be used with a next-generation
in-circuit emulator, but will provide only basic ICD functionality.
To determine what device resources must be dedicated to debugging for either a
device with on-board debug capability or the special ICE/ICD device, see the
“Resources used by ...” section of the in-circuit emulator or in-circuit debugger online
Help file.
Note:
ICE/ICD devices are only used on the header; they are not sold separately.
Production Device without
On-Board Debug Circuitry
Debug
Circuitry
Production Device with
On-Board Debug Circuitry
Vdd
MCLR/Vpp
Vss
Rx0/CLK
Rx1/DAT
Debug
Circuitry
No debug capability.
Header required for debug.
Debug capability available.
However, header can provide
dedicated resources for debug.
VDD
VPP
VSS
CLK
DAT
Rx0
Rx1
Debug
Memory
MCLR
ICE/ICD Device with On-board Debug
Circuitry, Dedicated Debug Pins and
(sometimes) Dedicated Debug Memory
Debug header with additional
circuitry to support debug
functions.
J1
S1
TP1
TP2
TP3
ICE/
ICD
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78