Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AC162079 Datasheet(PDF) 56 Page - Microchip Technology

No. de pieza AC162079
Descripción Electrónicos  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162079 Datasheet(HTML) 56 Page - Microchip Technology

Back Button AC162079 Datasheet HTML 52Page - Microchip Technology AC162079 Datasheet HTML 53Page - Microchip Technology AC162079 Datasheet HTML 54Page - Microchip Technology AC162079 Datasheet HTML 55Page - Microchip Technology AC162079 Datasheet HTML 56Page - Microchip Technology AC162079 Datasheet HTML 57Page - Microchip Technology AC162079 Datasheet HTML 58Page - Microchip Technology AC162079 Datasheet HTML 59Page - Microchip Technology AC162079 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
Optional Debug Headers
DS51292T-page 56
 2006-2012 Microchip Technology Inc.
Header Dimensions
The figure below lists the dimensions for the debug header. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
FIGURE 13:
DIMENSIONS - AC244035, AC244036
Dimensions are in inches
Side
Top
0.380 Typical
0.165 Typical
0.062 Typical
0.335 Typical
0.710
0.650
0.800
0.345
0.840
0.710
2.575
0.445
0.145
2.190
28-Pin DIP Target Pin 1 located
on Bottom side of Header
44-Pin TQFP Target Pin 1 located
on Bottom side of Header
44-Pin QFN Target Pin 1 located
on Bottom side of Header
40-Pin DIP Target Pin 1 located
on Bottom side of Header
ICE Device
6-pin SIL Connector
(0.100 pin spacing)
See Appendix B. “Debug Header
Connections” for details.
QFN
TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78