| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EBTM-4-06-2.0-S-VT-1-R-A Datasheet(PDF) 1 Page - Samtec, Inc |
|
|
|||||||||||||||||||||||||||||
EBTM-4-06-2.0-S-VT-1-R-A Datasheet(HTML) 1 Page - Samtec, Inc |
|
1 / 2 page ![]() Traditional, Coplanar and Direct Mate Orthogonal ExaMAX® High-Speed Backplane System • Meets a variety of industry specifications • Exceeds OIF CEI-28G-LR specification for 28 Gbps standards • 24 - 72 pair designs (4 and 6 pairs; 6, 8, 10 and 12 columns) • Wafer design increases isolation for reduced crosstalk • Press-fit tails provide a reliable electrical connection ExaMAX® High-Speed Backplane Cable Assemblies • 30 & 34 AWG Eye Speed® Ultra Low Skew Twinax Cable offers improved signal integrity, increased flexibility and routability • Highly customizable with modular flexibility • Reduce costs due to lower layer counts • Multiple end options available KEY SPECIFICATIONS FEATURES & BENEFITS PITCH INSULATOR MATERIAL CONTACT MATERIAL PLATING OPERATING TEMP RANGE CURRENT RATING 2.00 mm LCP Zinc Alloy (EGBX Series only) Copper Alloy Sn over 50 µ" (1.27 µm) Ni -55 °C to +105 °C 4.2 A per pin HIGH-SPEEDBACKPLANE CONNECTOR&CABLESYSTEMS Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice. samtec.com/ExaMAX Staggered Differential Pair Design Two Reliable Points of Contact at All Times Intermateable with all ExaMAX® Connectors Wafer Design Reduces Crosstalk (2.00 mm) .0787" PITCH F-221 |
Número de pieza similar - EBTM-4-06-2.0-S-VT-1-R-A |
|
Descripción similar - EBTM-4-06-2.0-S-VT-1-R-A |