Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

433MHZ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza 433MHZ
Descripción Electrónicos  Complete Guide for RF 433MHz Transmitter/Receiver Module With Arduino
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

433MHZ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  433MHZ Datasheet HTML 1Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 2Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 3Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 433MHZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
if (!driver.init())
Serial.println("init failed");
}
void loop()
{
const char *msg = "Hello World!";
driver.send((uint8_t *)msg, strlen(msg));
driver.waitPacketSent();
delay(1000);
}
How the transmitter sketch works
First, we need to include the RadioHead ASK library.
#include <RH_ASK.h>
This library needs the SPI library to work. So, we also need to include the SPI library.
#include <SPI.h>
After that, we create a RH_ASK object called driver.
In the setup() we initialize the RH_ASK object by using the init() method. We use
an ifstatement and a print in the Serial Monitor for debugging purposes.
Serial.begin(9600); // Debugging only
if (!driver.init())
Serial.println("init failed");
In the loop(), we write and send our message. Here, our message is saved on
the msgvariable. Please note that the message needs to be a char type.
const char *msg = "Hello World!";
This message contains the “Hello World!” message, but you can send anything you
want as long as it is in char format.
Finally, we send our message as follows:
driver.send((uint8_t *)msg, strlen(msg));
driver.waitPacketSent();
The message is being sent every second, but you can adjust this delay time.
delay(1000);
Receiver Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15