Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MEC1632 Datasheet(PDF) 19 Page - Microchip Technology

No. de pieza MEC1632
Descripción Electrónicos  Low Power 32-Bit Mobile Embedded Controller
PDF  636 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1632 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MEC1632 Datasheet HTML 15Page - Microchip Technology MEC1632 Datasheet HTML 16Page - Microchip Technology MEC1632 Datasheet HTML 17Page - Microchip Technology MEC1632 Datasheet HTML 18Page - Microchip Technology MEC1632 Datasheet HTML 19Page - Microchip Technology MEC1632 Datasheet HTML 20Page - Microchip Technology MEC1632 Datasheet HTML 21Page - Microchip Technology MEC1632 Datasheet HTML 22Page - Microchip Technology MEC1632 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 636 page
background image
 2012-2018 Microchip Technology Inc.
DS00001592B-page 19
MEC1632
3.4.5
NON BACKDRIVE PROTECTED PINS
Table 3-6 lists pins which do not have backdrive protection. Signals in Table 3-6 refer to Pin Reference Numbers as
defined in Table 3-1.
TABLE 3-6:
NON BACKDRIVE PROTECTED PINS
Pin Reference
Number
Pin Name
32
ADC0/GPIO200
33
ADC8/GPIO210
34
ADC1/GPIO201
35
ADC9/GPIO211
37
ADC2/GPIO202
38
ADC10/GPIO212
39
ADC3/GPIO203
40
ADC11/GPIO213
41
ADC4/GPIO204
42
ADC12/GPIO214
43
ADC5/GPIO205
44
ADC13/GPIO215
45
ADC6/GPIO206
46
ADC14/GPIO216
47
ADC7/GPIO207
48
ADC15/GPIO217
51
LRESET#
52
CLKRUN#
53
LFRAME#
54
SER_IRQ
55
PCI_CLK
56
LAD0
57
LAD1
59
LAD2
60
LAD3
119
GPIO220
167
XTAL1
168
XTAL2