| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2SC752GTM Datasheet(PDF) 50 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
2SC752GTM Datasheet(HTML) 50 Page - Toshiba Semiconductor |
|
50 / 126 page ![]() – 50 – Location No. Part No. Description Location No. Part No. Description RS19 24872681 Chip, 680 ohm, 1/16W RS20 24872681 Chip, 680 ohm, 1/16W RS21 24872222 Chip, 2200 ohm, 1/16W RS22 24872222 Chip, 2200 ohm, 1/16W RS23 24872101 Chip, 100 ohm, 1/16W RS24 24872101 Chip, 100 ohm, 1/16W RS27 24872104 Chip, 100k ohm, 1/16W RS28 24872104 Chip, 100k ohm, 1/16W RS29 24872223 Chip, 22k ohm, 1/16W RS30 24872223 Chip, 22k ohm, 1/16W RS31 24872103 Chip, 10k ohm, 1/16W RS32 24872104 Chip, 100k ohm, 1/16W RS35 24872223 Chip, 22k ohm, 1/16W RS36 24872223 Chip, 22k ohm, 1/16W RS37 24872104 Chip, 100k ohm, 1/16W RS38 24872104 Chip, 100k ohm, 1/16W RS43 24872681 Chip, 680 ohm, 1/16W RS44 24872681 Chip, 680 ohm, 1/16W RS56 24872102 Chip, 1k ohm, 1/16W RS57 24872223 Chip, 22k ohm, 1/16W RS58 24872223 Chip, 22k ohm, 1/16W RS59 24872681 Chip, 680 ohm, 1/16W RS60 24872102 Chip, 1k ohm, 1/16W RV01 24872101 Chip, 100 ohm, 1/16W RV02 24872101 Chip, 100 ohm, 1/16W RV03 24872101 Chip, 100 ohm, 1/16W RV04 24872101 Chip, 100 ohm, 1/16W RV05 24872101 Chip, 100 ohm, 1/16W RV06 24872101 Chip, 100 ohm, 1/16W RV07 24872162 Chip, 1600 ohm, 1/16W RV08 24872162 Chip, 1600 ohm, 1/16W RV09 24872101 Chip, 100 ohm, 1/16W RV10 24872101 Chip, 100 ohm, 1/16W RV12 24872681 Chip, 680 ohm, 1/16W RV13 24872681 Chip, 680 ohm, 1/16W RV16 24872271 Chip, 270 ohm, 1/16W RV18 24872123 Chip, 12k ohm, 1/16W RV19 24872101 Chip, 100 ohm, 1/16W RV20 24872101 Chip, 100 ohm, 1/16W RV21 24872151 Chip, 150 ohm, 1/16W RV23 24552101 OMF, 100 ohm, 1/2W RV25 24872101 Chip, 100 ohm, 1/16W RV26 24366181 CF, 180 ohm RV27 24872750 Chip, 75 ohm, 1/16W RV28 24872683 Chip, 68k ohm, 1/16W RV29 24872273 Chip, 27k ohm, 1/16W RV30 24872750 Chip, 75 ohm, 1/16W RV31 24872750 Chip, 75 ohm, 1/16W RV32 24872750 Chip, 75 ohm, 1/16W RV33 24872123 Chip, 12k ohm, 1/16W RV34 24872123 Chip, 12k ohm, 1/16W RV35 24872103 Chip, 10k ohm, 1/16W RV36 24872101 Chip, 100 ohm, 1/16W RV37 24872750 Chip, 75 ohm, 1/16W RV60 24366681 CF, 680 ohm RV60 24872102 Chip, 1k ohm, 1/16W RV61 24366681 CF, 680 ohm RV61 24552101 OMF, 100 ohm, 1/2W RV62 24872101 Chip, 100 ohm, 1/16W RV63 24552151 OMF, 150 ohm, 1/2W RV64 24872750 Chip, 75 ohm, 1/16W RV65 24552101 OMF, 100 ohm, 1/2W RV66 24872101 Chip, 100 ohm, 1/16W RV67 24552151 OMF, 150 ohm, 1/2W RV68 24872750 Chip, 75 ohm, 1/16W RV70 24872101 Chip, 100 ohm, 1/16W RV71 24872472 Chip, 4700 ohm, 1/16W RV73 24872103 Chip, 10k ohm, 1/16W RV74 24872104 Chip, 100k ohm, 1/16W RV78 24872100 Chip, 10 ohm, 1/16W RV79 24872102 Chip, 1k ohm, 1/16W RV80 24872271 Chip, 270 ohm, 1/16W RV81 24872750 Chip, 75 ohm, 1/16W RV82 24872101 Chip, 100 ohm, 1/16W RV85 24872750 Chip, 75 ohm, 1/16W RV86 24872750 Chip, 75 ohm, 1/16W RV87 24872750 Chip, 75 ohm, 1/16W RV89 24872750 Chip, 75 ohm, 1/16W RV90 24872681 Chip, 680 ohm, 1/16W RV91 24872681 Chip, 680 ohm, 1/16W RV92 24872100 Chip, 10 ohm, 1/16W RV93 24872104 Chip, 100k ohm, 1/16W RV94 24872103 Chip, 10k ohm, 1/16W RV95 24872472 Chip, 4700 ohm, 1/16W RV97 24872101 Chip, 100 ohm, 1/16W RV800 24366100 CF, 10 ohm RV801 24366222 CF, 2200 ohm RW02 24366271 CF, 270 ohm RW02 24872563 Chip, 56k ohm, 1/16W RW03 24872393 Chip, 39k ohm, 1/16W RW04 24872560 Chip, 56 ohm, 1/16W RW05 24872102 Chip, 1k ohm, 1/16W RW06 24872151 Chip, 150 ohm, 1/16W RW07 24872222 Chip, 2200 ohm, 1/16W RW08 24872821 Chip, 820 ohm, 1/16W RW09 24366563 CF, 56k ohm RW09 24872560 Chip, 56 ohm, 1/16W RW10 24872152 Chip, 1500 ohm, 1/16W RW11 24872561 Chip, 560 ohm, 1/16W RW12 24872272 Chip, 2700 ohm, 1/16W RW13 24366393 CF, 39k ohm RW13 24872821 Chip, 820 ohm, 1/16W RW14 24552121 OMF, 120 ohm, 1/2W RW14 24872560 Chip, 56 ohm, 1/16W RW15 24366223 CF, 22k ohm RW15 24872152 Chip, 1500 ohm, 1/16W RW16 24366273 CF, 27k ohm RW16 24872561 Chip, 560 ohm, 1/16W RW17 24366333 CF, 33k ohm RW17 24872272 Chip, 2700 ohm, 1/16W RW18 24366101 CF, 100 ohm RW18 24872821 Chip, 820 ohm, 1/16W RW19 24366100 CF, 10 ohm RW20 24366392 CF, 3900 ohm RW20 24872101 Chip, 100 ohm, 1/16W RW21 24872102 Chip, 1k ohm, 1/16W RW22 24366102 CF, 1k ohm RW22 24872101 Chip, 100 ohm, 1/16W RW23 24366471 CF, 470 ohm RW23 24872821 Chip, 820 ohm, 1/16W RW24 24366470 CF, 47 ohm RW24 24872821 Chip, 820 ohm, 1/16W RW25 24366182 CF, 1800 ohm RW25 24872101 Chip, 100 ohm, 1/16W RW26 24872101 Chip, 100 ohm, 1/16W RW27 24872102 Chip, 1k ohm, 1/16W RW28 24872271 Chip, 270 ohm, 1/16W RW29 24872392 Chip, 3900 ohm, 1/16W |