| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS48L32 Datasheet(PDF) 66 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS48L32 Datasheet(HTML) 66 Page - Cirrus Logic |
|
66 / 192 page ![]() 66 Cirrus Logic DS1219F4 CS48L32 4.3 Digital Core The x_RATE fields must not be changed if any of the x_SRCn fields associated with the respective functions is nonzero. The associated x_SRCn fields must be cleared before writing new values to the x_RATE fields. A minimum delay of 125 s must be allowed between clearing the x_SRCn fields and writing to the associated x_RATE fields. See Table 4-21 for details. Figure 4-26. Digital-Core Sample-Rate Control The input signal paths may be selected as input to the digital mixers or signal-processing functions. The sample rate for the input signal paths can either be set globally (using IN_RATE), or can be configured independently for each input channel (using the respective INnx_RATE fields). The applicable mode depends on IN_RATE_MODE, as described in Table 4-3. The ultrasonic demodulator circuits can be selected as input to the digital mixers or signal-processing functions. The sample rate for these signals are configured using US1_RATE and US2_RATE. The selected sample rate must be equal to the output rate of the demodulator function, set by the respective USn_FREQ field—see Section 4.2.9. The ASPn RX inputs may be selected as input to the digital mixers or signal-processing functions. The ASPn TX outputs are derived from the respective output mixers. The sample rates for audio serial ports (ASP1–ASP2) are configured using the ASPn_RATE fields (where n identifies the applicable ASP 1 or 2) respectively. + (GPIO pin) PWM PWM1 PWM2 PWM_RATE Tone Generator 1 Tone Generator Tone Generator 2 TONE_RATE Noise Generator White Noise Generator NOISE_GEN_RATE IN_RATE, or INnx_RATE US1_RATE US2_RATE Ultrasonic 1 path Ultrasonic 2 path DSP1 Ch 1 DSP1 Ch 2 DSP1 Ch 3 DSP1 Ch 4 DSP1 Ch 5 DSP1 Ch 6 DSP1 – DSP1_TXn_RATE DSP1 Ch 7 DSP1 Ch 8 + DSP Core DSP1_RXn_RATE + ASPn TX1 output + ASPn TX2 output ASPn RX1 ASP1 = 8 input, 8 output ASP2 = 4 input, 4 output ASP2 – ASP2_RATE ASP1 – ASP1_RATE etc. ASPn RX2 etc. FX_RATE + EQn EQ EQ1 EQ2 EQ3 EQ4 + LHPFn LHPF LHPF1 LHPF2 LHPF3 LHPF4 DRCn Left DRCn Right DRC DRC1 DRC2 + + ISRC1_FSL ISRC1_FSH ISRC1 INT1 ISRC1 INT2 ISRC1 DEC1 ISRC1 DEC2 ISRC1 INT3 ISRC1 INT4 ISRC1 DEC3 ISRC1 DEC4 Isochronous Sample Rate Converter (ISRC) ISRC1 ISRCn_FSL ISRCn_FSH ISRCn DEC1 ISRCn DEC2 ISRC3 Isochronous Sample Rate Converter (ISRC) ISRC2 ISRCn INT2 ISRCn INT1 IN1L signal path IN1R signal path IN2L signal path IN2R signal path |