Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VL6180 Datasheet(PDF) 60 Page - STMicroelectronics

No. de pieza VL6180
Descripción Electrónicos  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 56Page - STMicroelectronics VL6180 Datasheet HTML 57Page - STMicroelectronics VL6180 Datasheet HTML 58Page - STMicroelectronics VL6180 Datasheet HTML 59Page - STMicroelectronics VL6180 Datasheet HTML 60Page - STMicroelectronics VL6180 Datasheet HTML 61Page - STMicroelectronics VL6180 Datasheet HTML 62Page - STMicroelectronics VL6180 Datasheet HTML 63Page - STMicroelectronics VL6180 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
Device registers
VL6180
60/73
DocID024986 Rev 14
6.2.37
RESULT__RANGE_REFERENCE_RATE
Address:
0x068
Type:
R
Reset:
0x0
Description:
6.2.38
RESULT__RANGE_RETURN_SIGNAL_COUNT
Address:
0x06C
Type:
R
Reset:
0x0
Description:
15
14
13
12
11
10
9876543210
result__range_reference_rate
R
[15:0]
result__range_reference_rate: sensor count rate of reference signal returns. Computed from
REFERENCE_SIGNAL_COUNT / RETURN_CONV_TIME. Mcps 9.7 format
Note: Both arrays converge at the same time, so using the return array convergence time is
correct.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
result__range_return_signal_count
R
[31:0]
result__range_return_signal_count: sensor count output value attributed to signal correlated to
IR emitter on the Return array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73