Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VL53L1 Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza VL53L1
Descripción Electrónicos  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 14Page - STMicroelectronics VL53L1 Datasheet HTML 15Page - STMicroelectronics VL53L1 Datasheet HTML 16Page - STMicroelectronics VL53L1 Datasheet HTML 17Page - STMicroelectronics VL53L1 Datasheet HTML 18Page - STMicroelectronics VL53L1 Datasheet HTML 19Page - STMicroelectronics VL53L1 Datasheet HTML 20Page - STMicroelectronics VL53L1 Datasheet HTML 21Page - STMicroelectronics VL53L1 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Control interface
VL53L1
18/39
DocID029631 Rev 12
3.2
I2C interface - reference registers
The registers shown in the table below can be used to validate the user I2C interface.
Note:
The I2C read/writes can be 8,16 or 32-bit. Multi-byte reads/writes are always addressed in
ascending order with MSB first as shown in Table 8.
The customer must use the VL53L1 software driver for easy and efficient ranging operations
to match performance and accuracy criteria. Hence full register details are not exposed. The
customer should refer to the VL53L1 user manual (UM2133).
Table 7. Reference registers
Register name
Index
After fresh reset, without
driver loaded
Model_ID
0x010F
0xEA
Module_Type
0x0110
0xCC
Table 8. 32-bit register example
Register address
Byte
Address
MSB
Address + 1
..
Address + 2
..
Address + 3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39