| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NMWWMWW3JB10K0 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
NMWWMWW3JB10K0 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc. |
|
4 / 7 page ![]() Rev Date: 11/29/2021 4 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor Stackpole Electronics, Inc. Resistive Product Solutions Recommended Solder Profiles This information is intended as a reference for solder profiles for Stackpole resistive components. These profiles should be compatible with most soldering processes. These are only recommendations. Actual numbers will depend on board density, geometry, packages used, etc., especially those cells labeled with “*”. 100% Matte Tin / RoHS Compliant Terminations Soldering iron recommended temperatures: 330°C to 350°C with minimum duration. Maximum number of reflow cycles: 3. Recommended Lead Free Resistor Reflow Profile Wave Soldering Description Maximum Recommended Minimum Preheat Time 80 seconds 70 seconds 60 seconds Temperature Diff. 140°C 120°C 100°C Solder Temp. 260°C 250°C 240°C Dwell Time at Max. 10 seconds 5 seconds * Ramp DN (°C/sec) N/A N/A N/A Temperature Diff. = Defference between final preheat stage and soldering stage. Convection IR Reflow Description Maximum Recommended Minimum Ramp Up (°C/sec) 3°C/sec 2°C/sec * Dwell Time > 217°C 150 seconds 90 seconds 60 seconds Solder Temp. 260°C 245°C * Dwell Time at Max. 30 seconds 15 seconds 10 seconds Ramp DN (°C/sec) 6°C/sec 3°C/sec * |