| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9788TR Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9788TR Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 264 page ![]() DS12308 Rev 4 27/264 L9788 Absolute maximum ratings 263 - Jump start condition u-chip in jump start condition, all functions are guaranteed. parameters are guaranteed unless specified. 19 - 28 V VB_IN - Load dump condition u-chip in load dump condition. U-chip is no damage. All drivers/regulators/CAN/LIN are in off condition. See description in the Reset Matrix Table, Section 3.3 and Section 12.10. 28 40 V VB_IN Table 7. Functional range (continued) Symbol Parameter Note Min Typ Max Unit Pin |