Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDA803U Datasheet(PDF) 51 Page - STMicroelectronics

No. de pieza FDA803U
Descripción Electrónicos  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 51 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 47Page - STMicroelectronics FDA803U Datasheet HTML 48Page - STMicroelectronics FDA803U Datasheet HTML 49Page - STMicroelectronics FDA803U Datasheet HTML 50Page - STMicroelectronics FDA803U Datasheet HTML 51Page - STMicroelectronics FDA803U Datasheet HTML 52Page - STMicroelectronics FDA803U Datasheet HTML 53Page - STMicroelectronics FDA803U Datasheet HTML 54Page - STMicroelectronics FDA803U Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
DS12497 Rev 2
51/76
FDA803U
I2S bus interface
75
12.1
I2S standard mode description
The I2S standard format is shown in Figure 63.
The Clock line frequency is equal to 64 fs.
With a proper I2C configuration, the user can select the channel containing the data to be
processed:
Right channel - IB0[4-1]='0000'
Left channel - IB0[4-1]='0001'
Figure 63. I2S standard mode
12.2
TDM 4CH mode description
The TDM4 format is shown in Figure 64.
The clock line frequency is equal to 128 fs.
With a proper I2C configuration, the user can select the slot containing the data to be
processed:
Slot 0 - IB0[4-1]='0000'’
Slot 1 - IB0[4-1]='0001'’
Slot 2 - IB0[4-1]='0010'’
Slot 3 - IB0[4-1]='0011'.
Figure 64. TDM4 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76