Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDA802 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza FDA802
Descripción Electrónicos  2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button FDA802 Datasheet HTML 3Page - STMicroelectronics FDA802 Datasheet HTML 4Page - STMicroelectronics FDA802 Datasheet HTML 5Page - STMicroelectronics FDA802 Datasheet HTML 6Page - STMicroelectronics FDA802 Datasheet HTML 7Page - STMicroelectronics FDA802 Datasheet HTML 8Page - STMicroelectronics FDA802 Datasheet HTML 9Page - STMicroelectronics FDA802 Datasheet HTML 10Page - STMicroelectronics FDA802 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID030734 Rev 2
7/12
FDA802
Package information
12
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
3.1
LQFP64 (10x10x1.4 mm exp. pad up) package information
Figure 3. LQFP64 (10x10x1.4 mm exp. pad up) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12