| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L9966 Datasheet(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9966 Datasheet(HTML) 7 Page - STMicroelectronics |
|
7 / 122 page ![]() In case some functions are not used in the application, the following configurations reported in Table 2. Configuration of unused functions are recommended: Table 2. Configuration of unused functions Unused function Pin Recommended connection Resistor measurement RR1, RR2, RR3 VDD5 or OPEN Variable Reluctance Sensor VRSP, VRSN / VRSOUT Short to GND or OPEN / OPEN Auxiliary analog output AOX RC load / Open if not addressed (R_AOX=0000 in SWITCH_ROUTE register) Sync pulse SYNC Short to GND Input voltage and ratiometric output voltage VI5V/VIX Short to GND VT5V/VTX Open or short to GND Input voltage VI5V/VIX OPEN VT5V/VTX Used as voltage sense Ratiometric output voltage VI5V/VIX Used as voltage sense VT5V/VTX OPEN SENT/GTM SENTx_GTMx OPEN Interrupt INT OPEN Wake WAKE OPEN L9966 Application circuit DS12459 - Rev 10 page 7/122 |