Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3312D-40U6 Datasheet(PDF) 64 Page - STMicroelectronics

No. de pieza UPSD3312D-40U6
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D-40U6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button UPSD3312D-40U6 Datasheet HTML 60Page - STMicroelectronics UPSD3312D-40U6 Datasheet HTML 61Page - STMicroelectronics UPSD3312D-40U6 Datasheet HTML 62Page - STMicroelectronics UPSD3312D-40U6 Datasheet HTML 63Page - STMicroelectronics UPSD3312D-40U6 Datasheet HTML 64Page - STMicroelectronics UPSD3312D-40U6 Datasheet HTML 65Page - STMicroelectronics UPSD3312D-40U6 Datasheet HTML 66Page - STMicroelectronics UPSD3312D-40U6 Datasheet HTML 67Page - STMicroelectronics UPSD3312D-40U6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 231 page
background image
uPSD33xx
64/231
Table 36. Number of MCU_CLK Periods Required to Optimize Bus Transfer Rate
Note: 1. VDD of the PSD Module
2. “Turbo mode PSD” means that the PSD Module is in the faster, Turbo mode (default condition). A PSD Module in Non-Turbo mode
is slower, but consumes less current. See PSD Module section, titled “PLD Non-Turbo Mode” for details.
MCU Clock Frequency,
MCU_CLK (fMCU)
CW[1:0] Clk Periods
RDW[1:0] Clk
Periods
WRW[1:0] Clk
Periods
3.3V(1)
5V(1)
3.3V(1)
5V(1)
3.3V(1)
5V(1)
40MHz, Turbo mode PSD(2)
545
454
40MHz, Non-Turbo mode PSD
6
5
6
5
6
5
36MHz, Turbo mode PSD
545
454
36MHz, Non-Turbo mode PSD
6
4
6
4
6
4
32MHz, Turbo mode PSD
545
454
32MHz, Non-Turbo mode PSD
5
4
5
4
5
4
28MHz, Turbo mode PSD
434
444
28MHz, Non-Turbo mode PSD
5
4
5
4
5
4
24MHz, Turbo mode PSD
434
444
24MHz, Non-Turbo mode PSD
4
3
4
4
4
4
20MHz and below, Turbo mode PSD
334
444
20MHz and below, Non-Turbo mode PSD
3
3
4
4
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com