Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZT52C2V4SF Datasheet(PDF) 3 Page - DAESAN ELECTRONIC CORP.

No. de pieza BZT52C2V4SF
Descripción Electrónicos  ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAESAN [DAESAN ELECTRONIC CORP.]
Página de inicio  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BZT52C2V4SF Datasheet(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  BZT52C2V4SF Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BZT52C2V4SF Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. BZT52C2V4SF Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. BZT52C2V4SF Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FIG.1-ZENER BREAKDOWN CHARACTERISTICS
FIG.3-TYPICAL FORWARD VOLTAGE
VF, NORMAL ZENER VOLTAGE (V)
FIG.2-ZENER BREAKDOWN CHARACTERISTICS
FIG.4-EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
VF, NORMAL ZENER VOLTAGE (V)
RATINGS AND CHARACTERISTIC CURVES BZT52C2V4SF THRU BZT52C75SF
0
25
50
75
100
125
150
175
200
1000
100
10
1
1
10
250
200
150
100
50
0
FIG.5-TYPICAL CAPACITANCE
FIG.6-TYPICAL LEAKAGE CURRNET
ZENER VOLTAGE (V)
0
2
4
6
8
10
12
30
50
70
10
ZENER VOLTAGE (V)
100
10
1.0
0.1
0.01
100
10
1.0
0.1
0.01
TA=25℃
100
FORWARD VOLTAGE (V)
VF, NORMAL ZENER VOLTAGE (V)
0.4
1000
100
10
1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1000
100
10
1
1
10
100
5℃
25℃
TA=25℃
TA=25℃
f=1MHz
0V BIAS
1V BIAS
TJ=25℃
IZ(AC)=0.1IZ(DC)
F=1kHz
IZ=1mA
IZ=5mA
TA=25℃
TA=100℃
BIAS AT
50% OF Vz NOM
75℃
150℃
Pulse
https://dec.co.kr
DAESAN ELECTRONIC CORP.



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com