Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AQO14 Datasheet(PDF) 1 Page - auris-GmbH

No. de pieza AQO14
Descripción Electrónicos  Oscillator THT, clock-type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AURIS [auris-GmbH]
Página de inicio  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

AQO14 Datasheet(HTML) 1 Page - auris-GmbH

  AQO14 Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.1
AQO 14
Remarks: All specifications subject to change without notice!
Features:
- Standard 14 pin DIL package
- Low cost to performane
- 2.5 volt available
- Tolerance and stability to ±25ppm
Oscillator THT, clock-type
Drawing
AQO 14
Specifications
Remarks
Frequency range
Frequency stability
Operating temperature (std)
Others are offered
Storage temperature
Input
Voltage
Please specify
Current
Max
Max
Max
Max
Output Symmetry
Output
Rise time
Max
Fall time
Max
Voltage Vol
Voltage Voh
Current Iol
Current Ioh
Max
Aging
±5ppm
At 25°C per year max
Shock
Random drop on hard wooden plate 3 times from a height of 50cm
40% ~ 60%(1.4Vdc) or 40% ~ 60%(0.5Vdd)
10ns
10ns
-55°C ~ +125°C
5Vdc ±10% or 3.3Vdc ±10% or 2,5Vdc ±10%
1.0000 ~ 20MHz, 20mA (5.0V)
20.001 ~ 40MHz, 30mA (5.0V)
±50ppm or ±25ppm
-0°C ~ +70°C
AQO 14
1MHz ~ 160MHz
40.001 ~ 80MHz, 40mA (5.0V)
-4mA min or -8mA min
Start-up time
Output waveform
10ms
CMOS, TTL, compatible
0.4Vdc max or 0.1Vdd max
2.4Vdc min or 0.9Vdd min
<25MHz, 16mA max or >25MHz, 8mA max
80.001 ~ 125MHz, 50mA (5.0V)
Order key
O
- 10.000000M - AQO 14
- 50
- 5.0
- D
- T
Part
Frequency
Type/Package
Tolerance
Voltage
Tem perature
Opion
O=Oscillator
M=MHz
AQO=Quartz oscillator
+/-ppm
5,0=5,0Volt
A=
0°C - 70°C
T=Tristate
14=DIL 14
3,3=3,3Volt
B=-10°C - 60°C
3=Load 30pF
2,5=2,5Volt
C=-10°C - 70°C
5=Load 50pF
D=-20°C - 70°C
L=low pow er
E=-40°C - 85°C
X=Special options


Número de pieza similar - AQO14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
auris-GmbH
AQO14 AURIS-AQO14 Datasheet
400Kb / 1P
Oscillator THT, clock-type
AQO14 AURIS-AQO14_1 Datasheet
400Kb / 1P
Oscillator THT, clock-type
More results

Descripción similar - AQO14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
auris-GmbH
APQO08 AURIS-APQO08 Datasheet
64Kb / 1P
Oscillator THT, programmable
AQO08 AURIS-AQO08 Datasheet
101Kb / 1P
Oscillator THT, clock-type
AQO5032 AURIS-AQO5032 Datasheet
91Kb / 1P
Oscillator SMD, clock-type
AQO7050 AURIS-AQO7050 Datasheet
153Kb / 1P
Oscillator SMD, clock-type
AQO08 AURIS-AQO08_1 Datasheet
348Kb / 1P
Oscillator THT, clock-type
AQO14 AURIS-AQO14_1 Datasheet
400Kb / 1P
Oscillator THT, clock-type
AQO3225 AURIS-AQO3225 Datasheet
122Kb / 1P
Oscillator SMD, clock-type
AQO7050 AURIS-AQO7050_1 Datasheet
216Kb / 1P
Oscillator SMD, clock-type
AQOE5032 AURIS-AQOE5032 Datasheet
64Kb / 1P
Oscillator SMD, clock-type
AQOE7050 AURIS-AQOE7050 Datasheet
63Kb / 1P
Oscillator SMD, clock-type
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com