Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACS1086SA-AP Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza ACS1086SA-AP
Descripción Electrónicos  AC switch family Transient voltage protected AC Switch (ACSTM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS1086SA-AP Datasheet(HTML) 1 Page - STMicroelectronics

  ACS1086SA-AP Datasheet HTML 1Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 2Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 3Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 4Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 5Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 6Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 7Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 8Page - STMicroelectronics ACS1086SA-AP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 1
January 2006
1/11
11
ACS108-6S
AC switch family
Transient voltage protected AC Switch (ACS™)
Main product characteristics
Overvoltage protection by crowbar technology
High noise immunity - static dV/dt > 500 V/µs
Applications
AC ON/OFF static switching in appliances and
industrial control systems
Drive of low power high inductive or resistive
loads like:
– relay, valve, solenoid,
– dispenser, door lock
– pump, fan, micro-motor
Benefits
Needs no external protection snubber or
varistor.
Enables equipment to meet IEC 61000-4-5.
Reduces component count by up to 80%.
Interfaces directly with the micro-controller.
Common package tab connection supports
connection of several alternating current
switches (ACS) on the same cooling pad.
Integrated structure based on ASD
(1)
technology
Order code
Description
The ACS108-6S belongs to the AC line switch
family. This high performance switch can control a
load of up to 0.8A.
The ACS108-6S switch includes an overvoltage
crowbar structure to absorb the overvoltage
energy, and a gate level shifter driver to separate
the digital controller from the main switch. It is
triggered with a negative gate current flowing out
of the gate pin.
Functional diagram
TM: ACS is a trademark of STMicroelectronics
IT(RMS)
0.8 A
VDRM/VRRM
600 V
IGT
10 mA
1.
ASD: Application Specific Devices
Part number
Marking
ACS108-6SA
ACS1086S
ACS108-6SA-TR
ACS1086S
ACS108-6SA-AP
ACS1086S
ACS108-6SN-TR
ACS1086S
COM
Common drive reference to connect to the
mains
OUT
Output to connect to the load.
G
Gate input to connect to the controller through
gate resistor
COM
OUT
G
COM
OUT
COM
G
SOT-223
ACS108-6SN
TO-92
ACS108-6SA
OUT
COM
G
www.st.com


Número de pieza similar - ACS1086SA-AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ACS1086S STMICROELECTRONICS-ACS1086S Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
More results

Descripción similar - ACS1086SA-AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
OVER VOLTAGE PROTECTED AC POWER SWITCH
09-May-2005
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
AC switch family Transient protected AC switch ACSTM
05-Jan-2006
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
OVER VOLTAGE PROTECTED AC POWER SWITCH
Jan-2002
ACS102-6T_0606 STMICROELECTRONICS-ACS102-6T_0606 Datasheet
173Kb / 11P
AC switch family Transient protected AC switch (ACS)
07-Jun-2006
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
AC switch family Transient voltage protected AC Switch (ACS)
07-Jun-2006
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
Transient protected AC power switch
02-Dec-2008
AN1172 STMICROELECTRONICS-AN1172 Datasheet
287Kb / 23P
A logic-level transient-voltage protected AC switch
11-May-2006
ACS108-8SN STMICROELECTRONICS-ACS108-8SN Datasheet
302Kb / 14P
0.8 A - 800 V overvoltage protected AC switch (ACSTM)
08-Aug-2019
ACS108-8TN STMICROELECTRONICS-ACS108-8TN Datasheet
548Kb / 14P
Overvoltage protected AC switch (ACSTM)
June 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com