| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT1650 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT1650 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 18 page ![]() Pad Assignment Chip size: 4105 ´3840 (mm) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. Pad Coordinates Unit: mm Pad No. X Y Pad No. X Y Pad No. X Y 1 -1921.00 1635.35 40 -417.35 -1639.80 79 1918.10 639.60 2 -1921.00 1535.35 41 -276.25 -1639.80 80 1918.10 739.60 3 -1921.00 1435.35 42 -141.75 -1644.30 81 1918.10 839.60 4 -1921.00 1335.35 43 -3.55 -1644.30 82 1918.10 939.60 5 -1921.00 1235.35 44 137.25 -1711.95 83 1918.10 1039.60 6 -1921.00 1135.35 45 212.30 -1576.95 84 1918.10 1139.60 7 -1921.00 1035.35 46 393.90 -1598.20 85 1918.10 1239.60 8 -1921.00 935.35 47 540.40 -1639.90 86 1918.10 1339.60 9 -1921.00 835.35 48 675.80 -1639.90 87 1918.10 1439.60 10 -1921.00 735.35 49 835.40 -1639.90 88 1454.90 1760.40 11 -1921.00 635.35 50 983.60 -1639.90 89 1354.90 1760.40 12 -1921.00 535.35 51 1130.60 -1639.90 90 1254.90 1760.40 13 -1921.00 435.35 52 1278.80 -1639.90 91 1154.90 1760.40 14 -1921.00 335.35 53 1425.80 -1639.90 92 1054.90 1760.40 15 -1921.00 235.35 54 1577.90 -1701.15 93 954.90 1760.40 16 -1921.00 135.35 55 1714.90 -1751.90 94 854.90 1760.40 17 -1921.00 35.35 56 1814.90 -1751.90 95 754.90 1760.40 HT1650 Rev. 1.20 3 November 10, 2005 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 ( 0 , 0 ) 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 4 5 4 6 4 7 4 8 4 9 5 0 5 1 5 2 5 3 5 4 5 5 5 6 5 7 8 7 8 6 8 5 8 4 8 3 8 2 8 1 8 0 7 9 7 8 7 7 7 6 7 5 7 4 7 3 7 2 7 1 7 0 6 9 6 8 6 7 6 6 6 5 6 4 6 3 6 2 6 1 6 0 5 9 5 8 8 8 8 9 9 0 9 1 9 2 9 3 9 4 9 5 9 6 9 7 9 8 9 9 1 0 0 1 0 1 1 0 2 1 0 3 1 0 4 1 0 5 1 0 6 1 0 7 1 0 8 1 0 9 1 1 0 1 1 1 1 1 2 1 1 3 1 1 4 1 1 5 1 1 6 1 1 7 S E G 4 7 S E G 4 8 S E G 4 9 S E G 5 0 S E G 5 1 S E G 5 2 S E G 5 3 S E G 5 4 S E G 5 5 S E G 5 6 S E G 5 7 S E G 5 8 S E G 5 9 S E G 6 0 S E G 6 1 S E G 6 2 S E G 6 3 C O M 3 1 C O M 3 0 C O M 2 9 C O M 2 8 C O M 2 7 C O M 2 6 C O M 2 5 C O M 2 4 C O M 2 3 C O M 2 2 C O M 2 1 C O M 2 0 C O M 1 9 S E G 1 6 S E G 1 5 S E G 1 4 S E G 1 3 S E G 1 2 S E G 1 1 S E G 1 0 S E G 9 S E G 8 S E G 7 S E G 6 S E G 5 S E G 4 S E G 3 S E G 2 S E G 1 S E G 0 C O M 1 5 C O M 1 4 C O M 1 3 C O M 1 2 C O M 1 1 C O M 1 0 C O M 9 C O M 8 C O M 7 C O M 6 C O M 5 C O M 4 C O M 3 |