| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HT7733 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7733 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 15 page ![]() Block Diagram Pin Assignment Pin Description Pin No. Pin Name Description TO-92 SOT-25 SOT-89 ¾ 1 ¾ CE Chip enable pin, high active 2 2 2 VOUT DC/DC converter output monitoring pin ¾ 3 ¾ NC No connection 1 4 1 GND Ground pin 3 5 3 LX Switching pin Absolute Maximum Ratings Supply Voltage ..............................VSS -0.3V to VSS+7V Storage Temperature ............................ -50°Cto125°C Power Consumption (*1) .................................. 500mW Operating Temperature...............................0 °Cto70°C Power Consumption (*2) .................................. 250mW Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maximum Ratings² may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil- ity. *1: applied to SOT-89 and TO-92 *2: applied to SOT-25 HT77XX Rev 1.10 2 March 7, 2006 G N D S O T - 8 9 F r o n t V i e w B o t t o m V i e w S O T - 2 5 C E V O U T G N D V O U T T o p V i e w H T 7 7 X X 7 7 X X T O - 9 2 V O U T G N D H T 7 7 X X L X V O U T L X L X L X G N D N C C E V O U T N C 1 2 3 1 2 3 1 2 3 4 5 V O U T G N D V r e f P F M C o n t r o l O S C 1 1 5 k H z B u f f e r L X C h i p E n a b l e C E |