| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F88-I/SS Datasheet(PDF) 64 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F88-I/SS Datasheet(HTML) 64 Page - Microchip Technology |
|
64 / 214 page ![]() PIC16F87/88 DS30487B-page 62 Preliminary 2003 Microchip Technology Inc. FIGURE 5-11: BLOCK DIAGRAM OF RB3 PIN Data Latch RBPU(2) P VDD Q D CK Q D CK Q D EN Data Bus WR WR RD TRISB RD PORTB Weak Pull-up RD PORTB I/O pin(1) TTL Input Buffer TRIS Latch PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 0 1 CCP To PGM or CCP CCP1<M3:M0> = 1000, 1001, 11xx and CCPMX = 0 CCP1<M3:M0> = 0100, 0101, 0110, 0111 and CCPMX = 0 or LVP = 1 TRISB |