| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC16F87-I/ML Datasheet(PDF) 66 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87-I/ML Datasheet(HTML) 66 Page - Microchip Technology |
|
66 / 214 page ![]() PIC16F87/88 DS30487B-page 64 Preliminary 2003 Microchip Technology Inc. FIGURE 5-13: BLOCK DIAGRAM OF RB5 PIN Data Latch From Other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR WR Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch Q3 Q1 PORTB SS/TX/CK PORT/SSPEN Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. TRISB TTL Input Buffer |