Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SBP13007-H1 Datasheet(PDF) 1 Page - SemiWell Semiconductor

No. de pieza SBP13007-H1
Descripción Electrónicos  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIWELL [SemiWell Semiconductor]
Página de inicio  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SBP13007-H1 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  SBP13007-H1 Datasheet HTML 1Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 2Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 3Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 4Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 5Page - SemiWell Semiconductor SBP13007-H1 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage ( VBE = 0 )
700
V
VCEO
Collector-Emitter Voltage ( IB = 0 )
400
V
VEBO
Emitter-Base Voltage ( IC = 0 )
9.0
V
IC
Collector Current
8.0
A
ICM
Collector Peak Current ( tP < 5 ms )
16
A
IB
Base Current
4.0
A
IBM
Base Peak Current ( tP < 5 ms )
8.0
A
PC
Total Dissipation at TC = 25 °C
80
W
TSTG
Storage Temperature
- 65 ~ 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJC
Thermal Resistance, Junction-to-Case
1.56
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
SBP13007- H1
Aug, 2003. Rev. 3
1/6
Features
- Very High Switching Speed (Typical 60ns@5.0A)
- Minimum Lot-to-Lot hFE Variation
- Short storge time
- Wide Reverse Bias S.O.A
General Description
This device is designed for high voltage, high speed switching char-
acteristic,especially suitable for ballast system.
High Voltage Fast-Switching NPN Power Transistor
2.Collector
3.Emitter
1.Base
Symbol
TO-220
SemiWell Semiconductor
1
2
3
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved


Número de pieza similar - SBP13007-H1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SemiWell Semiconductor
SBP13007-H2 SEMIWELL-SBP13007-H2 Datasheet
739Kb / 6P
High Voltage Fast-Switching NPN Power Transistor
More results

Descripción similar - SBP13007-H1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com