| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BW50RAM-3P032 Datasheet(PDF) 48 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM-3P032 Datasheet(HTML) 48 Page - Fuji Electric |
|
48 / 93 page ![]() Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06/48 Mounting hole Terminal cover Pannel Mounting hole Mounting hole Trip button Trip button Trip button M4 or ø5 M4 or ø5 M4 or ø5 M4 or ø5 Panel drilling Panel drilling Panel drilling L C L C 60 56 22 15 30 16 L C L C 90 85 22 30 30 16 L C L C 120 72.5 42.5 45 22 30 30 30 16 L C ON 68 95 64 37 3.5 7 L C L C MCCB MCCB MCCB 30 L C L C 30 60 L C L C 30 30 45 90 Terminal cover Pannel L C ON 68 95 64 37 3.5 7 Terminal cover Pannel L C ON 68 95 64 37 3.5 7 Insulation tubu Insulation tubu Insulation tubu ø8.5 (M8 x 25 bolt) ø8.5 (M8 x 25 bolt) ø8.5 (M8 x 25 bolt) ø8.5 (M8 x 25 bolt) ø18 ø18 ø18 ø18 For V, N-type handle Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Each stud can be turned by 90˚. Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Each stud can be turned by 90˚. 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Each stud can be turned by 90˚. L C L C MCCB 30 30 45 90 30 Molded Case Circuit Breakers G-TWIN series Dimensions / Standard n Dimensions, mm Front mounting, rear connection (type X) BW125JAG-2P BW50HAG-2P, 3P, BW125JAG-3P BW125SAG-2P, 3P, BW125RAG-2P, 3P BW125HAG-2P, 3P BW125JAG-4P BW125SAG-4P BW125RAG-4P |