Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

USB2512 Datasheet(PDF) 21 Page - Microchip Technology

No. de pieza USB2512
Descripción Electrónicos  USB 2.0 Hi-Speed Hub Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2512 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB2512 Datasheet HTML 17Page - Microchip Technology USB2512 Datasheet HTML 18Page - Microchip Technology USB2512 Datasheet HTML 19Page - Microchip Technology USB2512 Datasheet HTML 20Page - Microchip Technology USB2512 Datasheet HTML 21Page - Microchip Technology USB2512 Datasheet HTML 22Page - Microchip Technology USB2512 Datasheet HTML 23Page - Microchip Technology USB2512 Datasheet HTML 24Page - Microchip Technology USB2512 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001692C-page 21
USB251xB/xBi
5.1.1
REGISTER 00H: VENDOR ID (LSB)
5.1.2
REGISTER 01H: VENDOR ID (MSB)
5.1.3
REGISTER 02H: PRODUCT ID (LSB)
5.1.4
REGISTER 03H: PRODUCT ID (MSB)
5.1.5
REGISTER 04H: DEVICE ID (LSB)
5.1.6
REGISTER 05H: DEVICE ID (MSB)
Bit Number
Bit Name
Description
7:0
VID_LSB
Least Significant Byte of the Vendor ID: a 16-bit value that uniquely identifies
the Vendor of the user device (assigned by USB-Interface Forum). Set this
field using either the SMBus or I2C EEPROM interface options.
Bit Number
Bit Name
Description
7:0
VID_MSB
Most Significant Byte of the Vendor ID: a 16-bit value that uniquely identifies
the Vendor of the user device (assigned by USB-Interface Forum). Set this field
using either the SMBus or I2C EEPROM interface options.
Bit Number
Bit Name
Description
7:0
PID_LSB
Least Significant Byte of the Product ID: a 16-bit value that uniquely identifies
the Product ID of the user device. Set this field using either the SMBus or I2C
EEPROM interface options.
Bit Number
Bit Name
Description
7:0
PID_MSB
Most Significant Byte of the Product ID: a 16-bit value that uniquely identifies
the Product ID of the user device. Set this field using either the SMBus or I2C
EEPROM interface options.
Bit Number
Bit Name
Description
7:0
DID_LSB
Least Significant Byte of the Device ID: a 16-bit device release number in
BCD format (assigned by OEM). Set this field using either the SMBus or I2C
EEPROM interface options.
Bit Number
Bit Name
Description
7:0
DID_MSB
Most Significant Byte of the Device ID: a 16-bit device release number in BCD
format (assigned by OEM). Set this field using either the SMBus or I2C
EEPROM interface options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com