Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F103ZCT6 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STM32F103ZCT6
Descripción Electrónicos  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F103ZCT6 Datasheet HTML 5Page - STMicroelectronics STM32F103ZCT6 Datasheet HTML 6Page - STMicroelectronics STM32F103ZCT6 Datasheet HTML 7Page - STMicroelectronics STM32F103ZCT6 Datasheet HTML 8Page - STMicroelectronics STM32F103ZCT6 Datasheet HTML 9Page - STMicroelectronics STM32F103ZCT6 Datasheet HTML 10Page - STMicroelectronics STM32F103ZCT6 Datasheet HTML 11Page - STMicroelectronics STM32F103ZCT6 Datasheet HTML 12Page - STMicroelectronics STM32F103ZCT6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 143 page
background image
DS5792 Rev 13
9/143
STM32F103xC, STM32F103xD, STM32F103xE
Introduction
135
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F103xC, STM32F103xD and STM32F103xE high-density performance line
microcontrollers. For more details on the whole STMicroelectronics STM32F103xC/D/E
family, please refer to Section 2.2: Full compatibility throughout the family.
The high-density STM32F103xC/D/E datasheet should be read in conjunction with the
STM32F10xxx reference manual.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STM32F10xxx Flash programming manual.
The reference and Flash programming manuals are both available from the
STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M3 core please refer to the Cortex®-M3 Technical
Reference Manual, available from the www.arm.com website at the following address:
http://infocenter.arm.com.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.