| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS777060 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS777060 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers |
|
39 / 42 page ![]() Magnetic Powder Cores ::: 76 MAGNETIC POWDER CORES NOTES 75 ::: Changsung Corporation Product Identification CS 16 25 026 E Perm. : 26μ OD size : 165mm Available size : 101.6mm~ 165.0mm Available HT 13.6mm~ 40.6mm Height : 25mm Sendust Core CM : MPP, CH : High Flux, CK : Mega Flux E : Epoxy, C : Plastic case, U : uncoated Available perm. 26, 50, 60,125μ Epoxy coated CSC’ big toroidal cores produced by a 3000 ton press are ideal for high current applications, especially in UPS, renewable energy(solar/wind), high power industrial power systems. The maximum diameter is 165mm(6.5”)OD and the electrical characteristics are the same as small toroidal cores. CSC cores are the world’s biggest and strongest on the market today. CS1013 CS1016 CS1027 CS1033 CS1320 CS1325 CS1333 CS1340 CS1650 Part No. Before Finish Dimensions(mm) After Finish Dimensions(mm) Weight (g) Path Length (cm) Cross Section Area (cm2) AL value (nH/N2) 8% OD(mm) Max ID(mm) Min HT(mm) Max OD(mm) Max ID(mm) Max HT(mm) Max 026μ 060μ 125μ 101.6 101.6 101.6 101.6 132.5 132.5 132.5 132.5 165.0 57.2 57.2 57.2 57.2 78.6 78.6 78.6 78.6 88.9 13.6 16.5 27.2 33.0 20.3 25.4 33.0 40.6 25.4 103.1 103.1 103.1 103.1 134.2 134.2 134.2 134.2 167.2 55.7 55.7 55.7 55.7 77 77 77 77 86.9 14.9 17.8 28.5 34.3 21.7 26.8 34.4 42 27.3 548.6 665.6 1097.3 1331.3 1280.1 1601.7 2080.9 2560.2 2808.0 24.27 24.27 24.27 24.27 32.42 32.42 32.42 32.42 38.65 2.972 3.522 5.944 7.044 5.347 6.710 8.717 10.694 9.460 40 47 80 94 54 68 88 108 80 92 112 184 224 124 156 202 248 184 192 228 384 456 259 325 422 518 384 CM(MPP core), CH(High Flux core), CK(Mega Flux core) and customer specifications are also available. BIG TOROIDAL CORES • Excellent DC bias characteristics • Near zero magneto-striction coefficient constant • Good temperature stability • Power factor correction(PFC) circuits • Power inductors for large currents • AC Reactors for inverters Features Applications |