| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F407IG Datasheet(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IG Datasheet(HTML) 49 Page - STMicroelectronics |
|
49 / 201 page ![]() DocID022152 Rev 6 49/201 STM32F405xx, STM32F407xx Pinouts and pin description D9 L4 48 BYPASS_REG I FT - - - 19 E4 28 39 K4 49 VDD S- - - - 20 J9 29 40 N4 50 PA4 I/O TTa (4) SPI1_NSS / SPI3_NSS / USART2_CK / DCMI_HSYNC / OTG_HS_SOF/ I2S3_WS/ EVENTOUT ADC12_IN4 /DAC_OUT1 21 G8 30 41 P4 51 PA5 I/O TTa (4) SPI1_SCK/ OTG_HS_ULPI_CK / TIM2_CH1_ETR/ TIM8_CH1N/ EVENTOUT ADC12_IN5/DAC_ OUT2 22 H8 31 42 P3 52 PA6 I/O FT (4) SPI1_MISO / TIM8_BKIN/TIM13_CH1 / DCMI_PIXCLK / TIM3_CH1 / TIM1_BKIN/ EVENTOUT ADC12_IN6 23 J8 32 43 R3 53 PA7 I/O FT (4) SPI1_MOSI/ TIM8_CH1N / TIM14_CH1/TIM3_CH2/ ETH_MII_RX_DV / TIM1_CH1N / ETH_RMII_CRS_DV/ EVENTOUT ADC12_IN7 24 - 33 44 N5 54 PC4 I/O FT (4) ETH_RMII_RX_D0 / ETH_MII_RX_D0/ EVENTOUT ADC12_IN14 25 - 34 45 P5 55 PC5 I/O FT (4) ETH_RMII_RX_D1 / ETH_MII_RX_D1/ EVENTOUT ADC12_IN15 26 G7 35 46 R5 56 PB0 I/O FT (4) TIM3_CH3 / TIM8_CH2N/ OTG_HS_ULPI_D1/ ETH_MII_RXD2 / TIM1_CH2N/ EVENTOUT ADC12_IN8 27 H7 36 47 R4 57 PB1 I/O FT (4) TIM3_CH4 / TIM8_CH3N/ OTG_HS_ULPI_D2/ ETH_MII_RXD3 / TIM1_CH3N/ EVENTOUT ADC12_IN9 28 J7 37 48 M6 58 PB2/BOOT1 (PB2) I/O FT - EVENTOUT - Table 7. STM32F40xxx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |