Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32G0B1CEU6 Datasheet(PDF) 41 Page - STMicroelectronics

No. de pieza STM32G0B1CEU6
Descripción Electrónicos  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1CEU6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32G0B1CEU6 Datasheet HTML 37Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 38Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 39Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 40Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 41Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 42Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 43Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 44Page - STMicroelectronics STM32G0B1CEU6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 159 page
background image
DS13560 Rev 2
41/159
STM32G0B1xB/xC/xE
Pinouts, pin description and alternate functions
55
Figure 8. STM32G0B1NxY WLCSP52 pinout
1. The I/O pads supplied by VDDIO2 are shown in gray.
Top view
A
B
C
D
E
12345678
F
G
H
910 11
12 13
VDDIO
2
PC7
PC6
VSS
PA9
PA8
PB15
PB11
PB14
PB2
PB13
PB10
PB1
PA15
PD0
PA12
[PA10]
PA13
PA14-
BOOT0
PA11
[PA9]
PA10
PB7
PB12
PA2
PA6
PC5
PC4
PB0
PD3
PB3
PD2
PD1
PB6
PB9
PA1
PA5
PA4
PA7
PB5
PB4
VBAT
VREF+
PF2-
NRST
PA3
PC13
VDD/
VDDA
VSS/
VSSA
PF0-
OSC_IN
PF1-
OSC_
OUT
PA0
PB8
PC14-
OSC32
_IN
PC15-
OSC32
_OUT