Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EGN010MK Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza EGN010MK
Descripción Electrónicos  High Voltage - High Power GaN-HEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

EGN010MK Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EGN010MK Datasheet HTML 1Page - List of Unclassifed Manufacturers EGN010MK Datasheet HTML 2Page - List of Unclassifed Manufacturers EGN010MK Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pr
eli
mi
na
ry
3
S-Parameters @VDS=50V IDS=100mA f=0.5 to 5.5 GHz
Zl = Zs = 50 ohm
Marker : 3.5GHz
High Voltage - High Power GaN-HEMT
EGN010MK
3.5GHz
3.5GHz
50Ω
S11
S22
0
+10j
+25j
+50j
+100j
+250j
-10j
-25j
-50j
-100j
-250j
10Ω
25Ω
0.2
20
±180°
-90°
+90°
Scale for |S21|
Scale for |S 12|
3.5GHz
3.5GHz
S12
S21
Freq
[GHz]
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.5
0.867
-127.5
13.500
88.8
0.011
8.7
0.763
-54.8
0.6
0.853
-137.8
11.482
79.3
0.011
1.3
0.758
-62.8
0.7
0.848
-146.1
9.889
70.8
0.011
-4.9
0.758
-70.5
0.8
0.844
-153.2
8.679
63.1
0.011
-10.4
0.762
-77.5
0.9
0.843
-159.3
7.627
55.9
0.010
-16.2
0.767
-84.4
1.0
0.839
-164.4
6.803
49.4
0.010
-19.8
0.771
-90.5
1.1
0.838
-169.0
6.100
43.4
0.009
-23.1
0.777
-96.5
1.2
0.839
-173.5
5.520
37.3
0.009
-25.7
0.780
-102.0
1.3
0.836
-177.2
5.030
31.8
0.008
-27.4
0.789
-107.0
1.4
0.833
179.2
4.592
26.4
0.007
-27.7
0.796
-112.1
1.5
0.830
175.9
4.235
21.8
0.007
-29.7
0.800
-116.2
1.6
0.826
172.5
3.909
17.0
0.007
-29.8
0.802
-120.0
1.7
0.822
169.5
3.637
12.5
0.006
-30.1
0.807
-123.3
1.8
0.814
166.5
3.425
8.6
0.006
-30.1
0.816
-126.5
1.9
0.805
163.5
3.226
4.4
0.006
-28.7
0.817
-129.8
2.0
0.798
160.6
3.085
0.2
0.006
-26.9
0.826
-132.4
2.1
0.780
157.3
2.941
-3.6
0.005
-28.1
0.828
-134.8
2.2
0.767
154.0
2.848
-7.8
0.005
-23.0
0.839
-136.9
2.3
0.751
150.4
2.773
-12.0
0.005
-18.6
0.851
-138.8
2.4
0.730
146.6
2.707
-16.6
0.005
-16.9
0.857
-140.9
2.5
0.703
142.0
2.664
-21.0
0.005
-13.5
0.863
-142.5
2.6
0.673
136.9
2.639
-25.9
0.005
-10.1
0.869
-144.5
2.7
0.640
131.2
2.613
-31.0
0.006
-7.7
0.874
-145.7
2.8
0.600
124.4
2.611
-36.9
0.006
-7.5
0.881
-147.3
2.9
0.551
116.5
2.614
-42.9
0.007
-9.9
0.891
-149.0
3.0
0.499
106.5
2.613
-49.5
0.008
-10.2
0.893
-150.6
3.1
0.441
94.6
2.608
-56.9
0.008
-11.8
0.900
-151.9
3.2
0.382
79.6
2.594
-64.3
0.009
-18.0
0.909
-153.9
3.3
0.328
59.9
2.551
-72.4
0.010
-24.7
0.909
-155.6
3.4
0.291
34.3
2.513
-81.1
0.011
-33.2
0.916
-157.1
3.5
0.288
5.2
2.429
-89.7
0.012
-41.5
0.922
-158.9
3.6
0.316
-21.9
2.332
-98.4
0.012
-52.5
0.923
-160.7
3.7
0.371
-43.9
2.217
-107.2
0.012
-62.0
0.924
-162.8
3.8
0.433
-61.6
2.069
-115.7
0.013
-69.4
0.919
-164.8
3.9
0.497
-75.6
1.934
-123.7
0.012
-79.5
0.921
-166.7
4.0
0.556
-87.3
1.778
-131.7
0.013
-87.3
0.916
-169.1
4.1
0.604
-97.0
1.652
-138.6
0.012
-95.0
0.910
-170.8
4.2
0.651
-105.5
1.518
-145.6
0.012
-105.1
0.909
-173.0
4.3
0.688
-112.4
1.399
-151.9
0.011
-111.3
0.899
-175.0
4.4
0.718
-119.0
1.291
-157.5
0.011
-117.8
0.895
-176.9
4.5
0.745
-124.4
1.194
-163.4
0.010
-122.8
0.886
-179.5
4.6
0.766
-129.5
1.106
-168.5
0.010
-129.7
0.876
178.7
4.7
0.787
-134.1
1.037
-173.9
0.010
-132.9
0.869
176.3
4.8
0.803
-138.2
0.975
-179.3
0.010
-136.2
0.857
174.3
4.9
0.816
-142.1
0.920
176.6
0.009
-137.9
0.848
172.2
5.0
0.825
-145.9
0.877
171.3
0.009
-139.4
0.838
169.5
5.1
0.834
-149.4
0.829
166.6
0.010
-140.0
0.821
167.2
5.2
0.841
-152.8
0.798
161.5
0.009
-137.1
0.810
164.9
5.3
0.845
-156.3
0.768
155.8
0.011
-140.6
0.793
162.0
5.4
0.853
-159.9
0.741
150.3
0.011
-140.3
0.777
159.7
5.5
0.855
-162.9
0.721
144.6
0.013
-143.7
0.765
156.7
S11
S21
S12
S22



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com