Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250TL-FCVG484E Datasheet(PDF) 21 Page - Microchip Technology

No. de pieza MPFS250TL-FCVG484E
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL-FCVG484E Datasheet(HTML) 21 Page - Microchip Technology

Back Button MPFS250TL-FCVG484E Datasheet HTML 17Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 18Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 19Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 20Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 21Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 22Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 23Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 24Page - Microchip Technology MPFS250TL-FCVG484E Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
Table 16 • Differential DC Input Levels
VID
Max (V)
VID
Typ (V)
VID
2
Min (V)
VICM
1,3
Max (V)
VICM
1,3
Typ (V)
VICM
1,3
Min (V)
VICM_RAN-
GE Libero S-
etting
Bank Type
I/O Stan-
dard
0.6
0.35
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
LVDS33
0.6
0.35
0.1
0.8
0.4
0.05
Low
0.6
0.35
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
LVDS25
7
0.6
0.35
0.1
0.8
0.4
0.05
Low
0.6
0.35
0.1
1.65
1.25
0.6
Mid (de-
fault)
GPIO
LVDS18
4
0.6
0.35
0.1
0.8
0.4
0.05
Low
0.6
0.35
0.1
1.65
1.25
0.6
Mid (de-
fault)
HSIO
LVDS18
7
0.6
0.35
0.1
0.8
0.4
0.05
Low
0.6
0.35
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
LCMDS33
0.6
0.35
0.1
0.8
0.4
0.05
Low
0.6
0.35
0.1
1.65
1.25
0.6
Mid (de-
fault)
HSIO
LCMDS18
0.6
0.35
0.1
0.8
0.4
0.05
Low
0.6
0.35
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
LCMDS25
0.6
0.35
0.1
0.8
0.4
0.05
Low
0.6
0.2
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
RSDS33
0.6
0.2
0.1
0.8
0.4
0.05
Low
0.6
0.2
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
RSDS25
0.6
0.2
0.1
0.8
0.4
0.05
Low
0.6
0.2
0.1
1.65
1.25
0.6
Mid (de-
fault)
HSIO
RSDS18
5
0.6
0.2
0.1
0.8
0.4
0.05
Low
0.6
0.3
0.1
2.35
1.25
0.6
Mid (de-
fault)
GPIO
MINILVDS3
3
0.6
0.3
0.1
0.8
0.4
0.05
Low
17
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics