Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250T-FCVG784I Datasheet(PDF) 12 Page - Microchip Technology

No. de pieza MPFS250T-FCVG784I
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784I Datasheet(HTML) 12 Page - Microchip Technology

Back Button MPFS250T-FCVG784I Datasheet HTML 8Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 9Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 10Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 11Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 12Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 13Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 14Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 15Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 128 page
background image
4. The power supplies for a given I/O bank x are shown as VDDIx and VDDAUXx.
5. At power up and power down the VDDIx and VDDAUXx supply sequencing can cause signal glitches.
Refer to UG0686: PolarFire FPGA I/O User Guide and UG0726: PolarFire FPGA Board Design User Guide
for detailed explanation and recommended steps.
6. The recommended power supply tolerances include DC offset of the supply plus any power supply ripple
over the customer design frequencies of interest, as measured at the device package pins. An example
for a valid power supply that meets the recommendations for the VDD supply is 1.0 V ±10 mV or 1.05
V ±10 mV for DC offset with an additional power supply ripple of ±20 mV for a total of 1.0 V ±30 mV or
1.05 V ±30 mV.
7. Both VDDA and VDD_XCVR_CLK supplies must be powered when any of the transceivers are used. VDD_XCVR_CLK
must power on within the I/O calibration time (as specified for the device in Libero). VDDA and VDD_XCVR_CLK
must both then remain powered during operation. If VDDA needs to be powered down, VDD_XCVR_CLK
must also be powered down. There is no required sequence for powering up or down VDDA and
VDD_XCVR_CLK.
5.2.1
DC Characteristics over Recommended Operating Conditions
The following table lists the DC characteristics over recommended operating conditions.
Table 6 • DC Characteristics over Recommended Operating Conditions
Condition
Unit
Max
Min
Symbol
Parameter
pf
5.6
CIN (GPIO)
Dedicated input pins
Input pin capacitance
1
pf
2.8
CIN (HSIO)
I/O disabled, high—Z
µA
10
IL (GPIO)
Input or output leakage current
per pin
I/O disabled, high—Z
µA
10
IL (HSIO)
VDDIx = 3.3 V
µA
220
137
IPU
Pad pull-up when VIN = 0
VDDIx = 2.5 V
µA
166
102
Pad pull-up when VIN = 0
VDDIx = 1.8 V
µA
115
68
Pad pull-up when VIN = 0
VDDIx = 1.5 V
µA
88
51
Pad pull-up when VIN = 0
VDDIx = 1.35 V
µA
73
29
Pad pull-up when VIN = 0
VDDIx = 1.2 V
µA
46
16
Pad pull-up when VIN = 0
VDDIx = 3.3 V
µA
187
65
IPD
Pad pull-down when VIN = 3.3
V (GPIO only)
VDDIx = 2.5 V
µA
160
63
Pad pull-down when VIN = 2.5
V (GPIO only)
VDDIx = 1.8 V
µA
117
60
Pad pull-down when VIN = 1.8
V
VDDIx = 1.5 V
µA
95
57
Pad pull-down when VIN = 1.5
V
8
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com