Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPFS250TLS Datasheet(PDF) 54 Page - Microchip Technology

No. de pieza MPFS250TLS
Descripción Electrónicos  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS Datasheet(HTML) 54 Page - Microchip Technology

Back Button MPFS250TLS Datasheet HTML 50Page - Microchip Technology MPFS250TLS Datasheet HTML 51Page - Microchip Technology MPFS250TLS Datasheet HTML 52Page - Microchip Technology MPFS250TLS Datasheet HTML 53Page - Microchip Technology MPFS250TLS Datasheet HTML 54Page - Microchip Technology MPFS250TLS Datasheet HTML 55Page - Microchip Technology MPFS250TLS Datasheet HTML 56Page - Microchip Technology MPFS250TLS Datasheet HTML 57Page - Microchip Technology MPFS250TLS Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
Notes:
• Performance is achieved with VID ≥200 mV.
• LVDS18 configuration should be used in conjunction with I/O CDR when implementing SGMII receivers.
Table 60 • GPIO Maximum Input Buffer Speed
Unit
–1
STD
Standard
Mbps
1600
1250
LVDS25/LVDS33/LCMDS25/LC-
MDS33
Mbps
800
800
RSDS25/RSDS33
Mbps
800
800
MINILVDS25/MINILVDS33
Mbps
800
800
SUBLVDS25/SUBLVDS33
Mbps
800
800
PPDS25/PPDS33
Mbps
800
800
SLVS25/SLVS33
Mbps
800
800
SLVSE15
Mbps
800
800
HCSL25/HCSL33
Mbps
800
800
BUSLVDSE25
Mbps
800
800
MLVDSE25
Mbps
800
800
LVPECL33
Mbps
800
800
SSTL25I
Mbps
800
800
SSTL25II
Mbps
800
800
SSTL18I
Mbps
800
800
SSTL18II
Mbps
1066
800
SSTL15I
Mbps
1066
800
SSTL15II
Mbps
900
800
HSTL15I
Mbps
900
800
HSTL15II
Mbps
400
400
HSUL18I
Mbps
400
400
HSUL18II
Mbps
500
500
PCI
Mbps
500
500
LVTTL
Mbps
500
500
LVCMOS33
Mbps
500
500
LVCMOS25
50
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics