Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OS41 Datasheet(PDF) 9 Page - Microchip Technology

No. de pieza OS41
Descripción Electrónicos  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OS41 Datasheet(HTML) 9 Page - Microchip Technology

Back Button OS41 Datasheet HTML 5Page - Microchip Technology OS41 Datasheet HTML 6Page - Microchip Technology OS41 Datasheet HTML 7Page - Microchip Technology OS41 Datasheet HTML 8Page - Microchip Technology OS41 Datasheet HTML 9Page - Microchip Technology OS41 Datasheet HTML 10Page - Microchip Technology OS41 Datasheet HTML 11Page - Microchip Technology OS41 Datasheet HTML 12Page - Microchip Technology OS41 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 9
PIC24FJ256GA705 FAMILY
Pin Diagrams (PIC24FJ256GA705 Devices)
Legend: See Table 6 for a complete description of pin functions. Pinouts are subject to change.
Note: Gray shading indicates 5.5V tolerant input pins.
48-Pin TQFP
RB12
RB11
RB10
RA11
VCAP
VSS
RC9
RC8
RC7
RC6
RB13
RB3
RC0
RC1
RC2
VDD
RB4
VSS
RA13
RA2
RA3
RA8
11
12
3
4
5
6
7
2
9
8
32
33
34
35
36
26
27
28
29
30
31
10
RB2
25
RB9
1
PIC24FJ256GA705