Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OS41 Datasheet(PDF) 380 Page - Microchip Technology

No. de pieza OS41
Descripción Electrónicos  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OS41 Datasheet(HTML) 380 Page - Microchip Technology

Back Button OS41 Datasheet HTML 376Page - Microchip Technology OS41 Datasheet HTML 377Page - Microchip Technology OS41 Datasheet HTML 378Page - Microchip Technology OS41 Datasheet HTML 379Page - Microchip Technology OS41 Datasheet HTML 380Page - Microchip Technology OS41 Datasheet HTML 381Page - Microchip Technology OS41 Datasheet HTML 382Page - Microchip Technology OS41 Datasheet HTML 383Page - Microchip Technology OS41 Datasheet HTML 384Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 380
 2016-2018 Microchip Technology Inc.
33.1
Package Marking Information (Continued)
48-Lead TQFP (7x7x1.0 mm)
Example
1
XXXXXXX
XXXYYWW
NNN
1
FJ256GA
7051810
017
28-Lead SPDIP (300 mil)
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC24FJ256GA702
1810017
44-Lead TQFP (10x10x1 mm)
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
Example
PIC24FJ256
GA704
1820017
XXXXXXXX
48-Lead UQFN (6x6 mm)
XXXXXXXX
YYWWNNN
24FJ256
Example
GA702
1810017
XXXXXXXXXX