Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

D309 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza D309
Descripción Electrónicos  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D309 Datasheet(HTML) 5 Page - Microchip Technology

  D309 Datasheet HTML 1Page - Microchip Technology D309 Datasheet HTML 2Page - Microchip Technology D309 Datasheet HTML 3Page - Microchip Technology D309 Datasheet HTML 4Page - Microchip Technology D309 Datasheet HTML 5Page - Microchip Technology D309 Datasheet HTML 6Page - Microchip Technology D309 Datasheet HTML 7Page - Microchip Technology D309 Datasheet HTML 8Page - Microchip Technology D309 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 5
PIC24FJ256GA705 FAMILY
Pin Diagrams (PIC24FJ256GA704 Devices)
Legend: See Table 4 for a complete description of pin functions. Pinouts are subject to change.
Note: Gray shading indicates 5.5V tolerant input pins.
44-Pin TQFP
RB12
RB11
RB10
VCAP
VSS
RC9
RC8
RC7
RC6
RB9
RB13
RB2
RB3
RC0
RC1
RC2
RB4
VDD
VSS
RA2
RA3
RA8
10
11
2
3
4
5
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
PIC24FJ256GA704