| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM6441...ALV Datasheet(PDF) 84 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6441...ALV Datasheet(HTML) 84 Page - Texas Instruments |
|
84 / 244 page ![]() Table 6-59. PRU_ICSSG0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] PRG0_RGMII1_RD0 I PRU_ICSSG RGMII Receive Data Y1 PRG0_RGMII1_RD1 I PRU_ICSSG RGMII Receive Data R4 PRG0_RGMII1_RD2 I PRU_ICSSG RGMII Receive Data U2 PRG0_RGMII1_RD3 I PRU_ICSSG RGMII Receive Data V2 PRG0_RGMII1_TD0 O PRU_ICSSG RGMII Transmit Data Y3 PRG0_RGMII1_TD1 O PRU_ICSSG RGMII Transmit Data AA3 PRG0_RGMII1_TD2 O PRU_ICSSG RGMII Transmit Data R6 PRG0_RGMII1_TD3 O PRU_ICSSG RGMII Transmit Data V4 PRG0_RGMII2_RD0 I PRU_ICSSG RGMII Receive Data Y2 PRG0_RGMII2_RD1 I PRU_ICSSG RGMII Receive Data W2 PRG0_RGMII2_RD2 I PRU_ICSSG RGMII Receive Data V3 PRG0_RGMII2_RD3 I PRU_ICSSG RGMII Receive Data T4 PRG0_RGMII2_TD0 O PRU_ICSSG RGMII Transmit Data W4 PRG0_RGMII2_TD1 O PRU_ICSSG RGMII Transmit Data Y4 PRG0_RGMII2_TD2 O PRU_ICSSG RGMII Transmit Data T6 PRG0_RGMII2_TD3 O PRU_ICSSG RGMII Transmit Data U6 PRG0_UART0_CTSn I PRU-ICSSG UART Clear to Send (active low) W6 PRG0_UART0_RTSn O PRU-ICSSG UART Request to Send (active low) AA5 PRG0_UART0_RXD I PRU-ICSSG UART Receive Data Y5 PRG0_UART0_TXD O PRU-ICSSG UART Transmit Data V6 Table 6-60. PRU_ICSSG1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALV PIN [4] PRG1_ECAP0_IN_APWM_OUT IO PRU-ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput V12 PRG1_ECAP0_SYNC_IN I PRU-ICSSG ECAP Sync Input Y13 PRG1_ECAP0_SYNC_OUT O PRU-ICSSG ECAP Sync Output AA14 PRG1_IEP0_EDIO_OUTVALID O PRU_ICSSG Industrial Ethernet Digital I/O Outvalid D14 PRG1_IEP0_EDC_LATCH_IN0 I PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input V7 PRG1_IEP0_EDC_LATCH_IN1 I PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input U13 PRG1_IEP0_EDC_SYNC_OUT0 O PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output W7 PRG1_IEP0_EDC_SYNC_OUT1 O PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output U7 PRG1_IEP0_EDIO_DATA_IN_OUT28 IO PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output U15 PRG1_IEP0_EDIO_DATA_IN_OUT29 IO PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output U14 PRG1_IEP0_EDIO_DATA_IN_OUT30 IO PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output V14 PRG1_IEP0_EDIO_DATA_IN_OUT31 IO PRU_ICSSG Industrial Ethernet Digital I/O Data Input/ Output W14 PRG1_IEP1_EDC_LATCH_IN0 I PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input Y13 PRG1_IEP1_EDC_LATCH_IN1 I PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input V15 AM6442, AM6441, AM6421, AM6412, AM6411 SPRSP56D – JANUARY 2021 – REVISED JULY 2022 www.ti.com 84 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |