Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R01DS0375EU0110 Datasheet(PDF) 21 Page - Renesas Technology Corp

No. de pieza R01DS0375EU0110
Descripción Electrónicos  32-Bit MCU Renesas Advanced (RA) Family Renesas RA6 Series
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R01DS0375EU0110 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R01DS0375EU0110 Datasheet HTML 17Page - Renesas Technology Corp R01DS0375EU0110 Datasheet HTML 18Page - Renesas Technology Corp R01DS0375EU0110 Datasheet HTML 19Page - Renesas Technology Corp R01DS0375EU0110 Datasheet HTML 20Page - Renesas Technology Corp R01DS0375EU0110 Datasheet HTML 21Page - Renesas Technology Corp R01DS0375EU0110 Datasheet HTML 22Page - Renesas Technology Corp R01DS0375EU0110 Datasheet HTML 23Page - Renesas Technology Corp R01DS0375EU0110 Datasheet HTML 24Page - Renesas Technology Corp R01DS0375EU0110 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
R01DS0375EU0110 Rev.1.10
Page 21 of 70
Feb 24, 2022
RA6T1 Datasheet
2. Electrical Characteristics
Caution:
To protect the reliability of the MCU, the output current values should not exceed the values in this table. The
average output current indicates the average value of current measured during 100 μs.
Note 1.
This is the value when low driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected driving
ability is retained in Deep Software Standby mode.
Note 2.
This is the value when middle driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected
driving ability is retained in Deep Software Standby mode.
Note 3.
This is the value when high driving ability is selected in the Port Drive Capability bit in the PmnPFS register. The selected
driving ability is retained in Deep Software Standby mode.
Note 4.
Except for P000 to P007, P200, which are input ports.
2.2.4
I/O VOH, VOL, and Other Characteristics
Permissible output current
(max value per pin)
Ports P008, P201
-
IOH
---4.0
mA
IOL
--4.0
mA
Ports P014, P015
-
IOH
---8.0
mA
IOL
--8.0
mA
Ports P205, P206, P407 to P415,
P602, P708 (total 13 pins)
Low drive*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive*2
IOH
---8.0
mA
IOL
--8.0
mA
High drive*3
IOH
---40
mA
IOL
--40
mA
Other output pins*4
Low drive*1
IOH
---4.0
mA
IOL
--4.0
mA
Middle drive*2
IOH
---8.0
mA
IOL
--8.0
mA
High drive*3
IOH
---32
mA
IOL
--32
mA
Permissible output current
(max value of total of all pins)
Maximum of all output pins
ΣIOH (max)
---80
mA
ΣIOL (max)
--80
mA
Table 2.6
I/O VOH, VOL, and other characteristics (1 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
IIC
VOL
--
0.4
V
IOL = 3.0 mA
VOL
--
0.6
IOL = 6.0 mA
IIC
*1
VOL
--
0.4
IOL = 15.0 mA
(ICFER.FMPE = 1)
VOL
-0.4
-
IOL = 20.0 mA
(ICFER.FMPE = 1)
Ports P205, P206, P407 to P415,
P602, P708
(total of 13 pins)*2
VOH
VCC - 1.0
-
-
IOH = -20 mA
VCC = 3.3 V
VOL
--
1.0
IOL = 20 mA
VCC = 3.3 V
Other output pins
VOH
VCC - 0.5
-
-
IOH = -1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Input leakage current
RES
|Iin|-
-
5.0
μAVin = 0 V
Vin = 5.5 V
Ports P000 to P002, P004 to P006,
P200
--
1.0
Vin = 0 V
Vin = VCC
Ports P003, P007
Before
initialization*3
--
45.0
Vin = 0 V
Vin = VCC
After
initialization*4
--
1.0
Vin = 0 V
Vin = VCC
Table 2.5
I/O IOH, IOL (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com