Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32WB5MMG Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza STM32WB5MMG
Descripción Electrónicos  Industrial sensor evaluation kit for condition monitoring based on the 2.4 GHz STM32WB5MMG module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 2Page - STMicroelectronics STM32WB5MMG Datasheet HTML 3Page - STMicroelectronics STM32WB5MMG Datasheet HTML 4Page - STMicroelectronics STM32WB5MMG Datasheet HTML 5Page - STMicroelectronics STM32WB5MMG Datasheet HTML 6Page - STMicroelectronics STM32WB5MMG Datasheet HTML 7Page - STMicroelectronics STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics STM32WB5MMG Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Figure 4. STEVAL-PROTEUS circuit schematic (4 of 5)
mates with Panasonic AXF6G3412 (Header)
Fixed Board
V_CONN
V_MAIN
ST1PS02_VOUT2
V_CONN
V_CONN
ST1PS02_VOUT2
SPI2_MISOs
GPIO_4 / SAI1_MCLK_A / TIM1_CH2N
GPIO_3 / SAI1_SD_A / ADC1_IN4
GPIO_2 / SAI1_FS_A / SPI2_NSSs
GPIO_1 / SAI1_SCK_A / SPI2_SCKs
PWM / TIM1_CH2
ADC / ADC1_IN5
RESET
INT / I2C3_SMBA
I2C3_SDA
USART1_RTS
USART1_RX
USART1_TX
USART1_CTS
SPI2_MOSIs
I2C3_SCL
SPI2_SCK
SPI2_MISOp
SPI2_MOSIp
SPI2_NSS
SPDT_SEL_2
SPDT_SEL_1
J9
CON34-Socket
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
W3
Screw 2MX8
1
W1
Screw 2MX8
1
W4
Screw 2MX8
1
D7
STPS1L20MF
W2
Screw 2MX8
1



Html Pages

1 2 3 4 5 6 7 8 9 10